Electronic Components Datasheet Search
  English  ▼

X  

LT5504 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5504
Description  800MHz to 2.7GHz RF Measuring Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5504 Datasheet(HTML) 1 Page - Linear Technology

  LT5504 Datasheet HTML 1Page - Linear Technology LT5504 Datasheet HTML 2Page - Linear Technology LT5504 Datasheet HTML 3Page - Linear Technology LT5504 Datasheet HTML 4Page - Linear Technology LT5504 Datasheet HTML 5Page - Linear Technology LT5504 Datasheet HTML 6Page - Linear Technology LT5504 Datasheet HTML 7Page - Linear Technology LT5504 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LT5504
1
5504f
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
■ RSSI Measurements
■ Receive AGC
■ Transmit Power Control
■ ASK and Envelope Demodulation
■ GSM/TDMA/CDMA/WCDMA
■
RF Frequency Range: 800MHz to 2.7GHz
■ Ultra Wide Dynamic Range: 75dB at 900MHz
■ Wide Power Supply Range: 2.7V to 5.25V
■
Low Supply Current: 14.7mA at 3V
■ 8-Lead MS0P Package
800MHz to 2.7GHz
RF Measuring Receiver
The LT
®5504 is an 800MHz to 2700MHz monolithic inte-
grated measuring receiver, capable of detecting a wide
dynamic range RF signal from –75dBm to +5dBm. The
logarithm of the RF signal is precisely converted into a
linear DC voltage. The LT5504 consists of RF/IF limiters,
an LO buffer amplifier, a limiting mixer, a 3rd-order
450MHz integrated low pass filter, RF/IF detectors and an
output interface. The ultrawide dynamic range is achieved
by simultaneously measuring the RF signal and a down-
converted IF signal obtained using the on-chip mixer and
an external local oscillator. The RF- and IF-detected sig-
nals are summed to generate an accurate linear DC voltage
proportional to the input RF voltage (or power) in dB. The
output is buffered with a low output impedance driver.
, LTC and LT are registered trademarks of Linear Technology Corporation.
5504 TA01a
• • •
RF+
RF–
VOUT
R1
82Ω
RF
INPUT
ENABLE
GND
LO
LO
INPUT
OUTPUT
C3
10pF
C1
100pF
R2
200Ω
EN
3V
VCC
C2
1nF
LT5504
RF
DETECTOR
IF
DETECTOR
IF
DETECTOR
Output Voltage and Slope
Variation vs RF Input Power
PIN (dBm)
–80
2.4
2.0
1.6
1.2
0.8
0.4
0
–60
–40 –30
10
5504 TA01b
–70
–50
–20 –10
0
6
4
2
0
–2
–4
–6
fRF = 900MHz
fIF = 240MHz
AVERAGE SLOPE:23mV/dB


Similar Part No. - LT5504

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5504 LINER-LT5504 Datasheet
189Kb / 8P
800MHz to 2.7GHz RF Measuring Receiver
LT5504 LINER-LT5504 Datasheet
189Kb / 8P
RF Frequency Range: 800MHz to 2.7GHz
LT5504 LINER-LT5504 Datasheet
194Kb / 12P
800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5504 LINER-LT5504_15 Datasheet
189Kb / 8P
800MHz to 2.7GHz RF Measuring Receiver
More results

Similar Description - LT5504

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF005 MICREL-MICRF005 Datasheet
66Kb / 11P
115kbps, 800MHz - 1GHz UHF Receiver
logo
Linear Technology
LT5575 LINER-LT5575 Datasheet
307Kb / 16P
800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5500 LINER-LT5500 Datasheet
300Kb / 12P
1.8GHz to 2.7GHz Receiver Front End
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837 Datasheet
314Kb / 18P
2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
Rev 1; 11/08
logo
Agilent(Hewlett-Packard...
N5531S HP-N5531S Datasheet
207Kb / 4P
Measuring Receiver System
logo
Linear Technology
LT5504 LINER-LT5504_15 Datasheet
189Kb / 8P
800MHz to 2.7GHz RF Measuring Receiver
LT5500 LINER-LT5500_15 Datasheet
306Kb / 12P
1.8GHz to 2.7GHz Receiver Front End
LT5575 LINER-LT5575_15 Datasheet
317Kb / 16P
800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5504 LINER-LT5504 Datasheet
189Kb / 8P
RF Frequency Range: 800MHz to 2.7GHz
logo
Qorvo, Inc
RFFC2071 QORVO-RFFC2071 Datasheet
1Mb / 23P
2.7GHz RF SYNTHESIZER/VCO WITH 2.7GHz RF SYNTHESIZER/VCO WITH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com