Electronic Components Datasheet Search
  English  ▼

X  

LT5504 Datasheet(PDF) 4 Page - Linear Technology

Part # LT5504
Description  800MHz to 2.7GHz RF Measuring Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5504 Datasheet(HTML) 4 Page - Linear Technology

  LT5504 Datasheet HTML 1Page - Linear Technology LT5504 Datasheet HTML 2Page - Linear Technology LT5504 Datasheet HTML 3Page - Linear Technology LT5504 Datasheet HTML 4Page - Linear Technology LT5504 Datasheet HTML 5Page - Linear Technology LT5504 Datasheet HTML 6Page - Linear Technology LT5504 Datasheet HTML 7Page - Linear Technology LT5504 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LT5504
4
5504f
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
2.4
2.0
1.6
1.2
0.8
0.4
0
10
5504 G09
0
fRF = 1.9GHz
fIF = 240MHz
VCC = 5.25V
VCC = 5.25V
VCC = 2.7V
VCC = 2.7V
6
4
2
0
–2
–4
–6
5504 G12
100ns/DIV
VOUT
1V/DIV
PULSED
RF
900MHz
0dBm
1V/DIV
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
2.4
2.0
1.6
1.2
0.8
0.4
0
10
5504 G07
0
fRF = 1.9GHz
AVERAGE SLOPE: 23mV/dB
TA = –40°C
TA = –40°C
6
4
2
0
–2
–4
–6
TA = 25°C
TA = 25°C
TA = 85°C
Output Voltage and Slope Variation
vs RF Input Power and Temperature,
fIF = 70MHz
Output Voltage and Slope Variation
vs RF Input Power and Temperature,
fRF = 900MHz
Output Voltage and Slope Variation
vs RF Input Power and IF Frequency
Output Voltage and Slope Variation
vs RF Input Power and Temperature,
fIF = 400MHz
Output Voltage and Slope Variation
vs RF Input Power and Supply Voltage
Output Voltage and Slope Variation
vs RF Input Power and Temperature,
fIF = 240MHz
Output Response Time
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
2.4
2.0
1.6
1.2
0.8
0.4
0
10
5504 G05
0
fIF = 240MHz
AVERAGE SLOPE: 23mV/dB
TA = 85°C
TA = –40°C
TA = –40°C
6
4
2
0
–2
–4
–2
TA = 25°C
TA = 25°C
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
2.4
2.0
1.6
1.2
0.8
0.4
0
10
5504 G08
0
fRF = 1.9GHz
AVERAGE SLOPE: 23mV/dB
6
4
2
0
–2
–4
–6
400MHz
240MHz
70MHz
fIF = 70MHz
fIF = 240MHz
fIF = 400MHz
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
2.4
2.0
1.6
1.2
0.8
0.4
0
10
5504 G11
0
fRF = 1.9GHz
AVERAGE SLOPE: 23mV/dB
TA = –40°C
TA = –40°C
6
4
2
0
–2
–4
–6
TA = 25°C
TA = 85°C
TA = 25°C
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
2.4
2.0
1.6
1.2
0.8
0.4
0
10
5504 G06
0
fIF = 240MHz
AVERAGE SLOPE: 23mV/dB
TA = –40°C
TA = –40°C
6
4
2
0
–2
–4
–6
TA = 25°C
TA = 25°C
TA = 85°C
Output Voltage and Slope Variation
vs RF Input Power and Temperature,
fRF = 2.5GHz
TYPICAL PERFOR A CE CHARACTERISTICS
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
6
4
2
0
–2
–4
–6
10
5504 G04
0
fRF = 900MHz
fRF = 2.5GHz
fIF = 240MHz
AVERAGE SLOPE: 23mV/dB
50% VARIATION OR
SLOPE = 11.5mV/dB
fRF = 1.9GHz
Output Slope Variation vs
RF Input Power and Frequency
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
2.4
2.0
1.6
1.2
0.8
0.4
0
10
5504 G10
0
fRF = 1.9GHz
AVERAGE SLOPE: 23mV/dB
TA = –40°C
TA = –40°C
6
4
2
0
–2
–4
–6
TA = 25°C
TA = 25°C
TA = 85°C
(VCC = 3V unless otherwise noted).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com