Electronic Components Datasheet Search
  English  ▼

X  

LT5504 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5504
Description  800MHz to 2.7GHz RF Measuring Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5504 Datasheet(HTML) 2 Page - Linear Technology

  LT5504 Datasheet HTML 1Page - Linear Technology LT5504 Datasheet HTML 2Page - Linear Technology LT5504 Datasheet HTML 3Page - Linear Technology LT5504 Datasheet HTML 4Page - Linear Technology LT5504 Datasheet HTML 5Page - Linear Technology LT5504 Datasheet HTML 6Page - Linear Technology LT5504 Datasheet HTML 7Page - Linear Technology LT5504 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LT5504
2
5504f
Power Supply Voltage ............................................ 5.5V
VOUT, EN ................................................................ 0,VCC
LO Input Power .................................................... 6dBm
RF Input Power Differential (50Ω, 5.5V) ............. 24dBm
RF Input Power Single-Ended (50Ω, 5.5V) ......... 18dBm
Operating Ambient Temperature ..............–40°C to 85°C
Storage Temperature Range ..................–65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 160°C/W
LT5504EMS8
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS T
A = 25°C. VCC = 3V, PLO = – 10dBm, unless otherwise noted. (Notes 2, 3)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
VCC
RF+
RF–
GND
8
7
6
5
VCC
VOUT
LO
EN
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
MS8 PART MARKING
LTGP
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF Input
fRF
Frequency Range
800 to 2700
MHz
Input Impedance
(Note 6)
DC Voltage
Internally Biased
1.7
V
LO Input
fLO
Frequency Range
850 to 3100
MHz
Input Return Loss
Internally Matched to 50Ω
14
dB
DC Voltage
Internally Biased
0.82
V
PLO
LO Power
–16 to –8
dBm
LO to RF Leakage
900MHz
–50
dBc
1.9GHz
–45
dBc
2.5GHz
–40
dBc
IF Frequency
fIF
Frequency
50 to 450
MHz
Output Voltage at fRF = 900MHz, fLO = 1140MHz
Linear Dynamic Range (Note 4)
66
75
dB
Output Voltage
Input = –70dBm
0.4
V
Input = –20dBm
1.6
V
Input = 0dBm
2.1
V
Average Slope
Input from –50dBm to –20dBm
16
23
mV/dB
Output Voltage at fRF = 1900MHz, fLO = 2140MHz
Linear Dynamic Range (Note 4)
60
72
dB
Output Voltage
Input = –70dBm
0.35
V
Input = –20dBm
1.52
V
Input = 0dBm
1.9
V
Average Slope
Input from –50dBm to –20dBm
16
23
mV/dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com