Electronic Components Datasheet Search
  English  ▼

X  

LT5504 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5504
Description  800MHz to 2.7GHz RF Measuring Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5504 Datasheet(HTML) 3 Page - Linear Technology

  LT5504 Datasheet HTML 1Page - Linear Technology LT5504 Datasheet HTML 2Page - Linear Technology LT5504 Datasheet HTML 3Page - Linear Technology LT5504 Datasheet HTML 4Page - Linear Technology LT5504 Datasheet HTML 5Page - Linear Technology LT5504 Datasheet HTML 6Page - Linear Technology LT5504 Datasheet HTML 7Page - Linear Technology LT5504 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LT5504
3
5504f
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: Tests are performed as shown in the configuration of Figure 5.
Note 3: Specifications over the –40°C to 85°C temperature range are
guaranteed by design, characterization and correlation with statistical
process controls.
ELECTRICAL CHARACTERISTICS T
A = 25°C. VCC = 3V, PLO = –10dBm, unless otherwise noted. (Notes 2, 3)
Note 4: The Linear Dynamic Range is defined as the range over which the
output slope is at least 50% of the average slope from –50dBm to –20dBm.
Note 5: The output voltage is settled to the full specification within 1dB.
Note 6: Refer to Figure 1 and Applications Information.
Note 7: Refer to Pin Functions description.
Output Voltage
vs RF Input Power and Frequency
Power Up Response Time
Supply Current vs Supply Voltage
and Temperature
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
2.4
2.0
1.6
1.2
0.8
0.4
0
10
5504 G01
0
fRF = 900MHz
fRF = 2.5GHz
fIF = 240MHz
fRF = 1.9GHz
SUPPLY VOLTAGE (V)
2.5
20
18
16
14
12
10
8
3.0
3.5
4.0
4.5
5504 G02
5.0
5.5
TA = 85°C
TA = 25°C
TA = –40°C
5504 G03
2µs/DIV
VOUT
1V/DIV
ENABLE
1V/DIV
VCC = 3V
RF INPUT POWER = 0dBm
ON
OFF
TYPICAL PERFOR A CE CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage at fRF = 2500MHz, fLO = 2260MHz
Linear Dynamic Range (Note 4)
58
70
dB
Output Voltage
Input = –70dBm
0.3
V
Input = –20dBm
1.45
V
Input = 0dBm
1.8
V
Average Slope
Input from –50dBm to –20dBm
16
23
mV/dB
Output Interface
Current Drive Capability
400
µA
Output Noise Spectral Density
At 100KHz
3.9
µV/√Hz
At 10MHz
0.32
µV/√Hz
Output Response Time (Note 5)
RF Input Pin from No Signal to 0dBm
200
ns
Power Up/Down
tON
Turn ON Time (Note 5)
400
ns
Turn OFF Time (Note 5)
4
µs
Input Resistance
30
kΩ
Enable Turn ON Voltage (Note 7)
0.6 • VCC
V
Disable Turn OFF Voltage (Note 7)
0.4 • VCC
V
Power Supply
VCC
Supply Voltage
2.7
5.25
V
ICC
Supply Current
14.7
22
mA
Shutdown Current
30
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com