Electronic Components Datasheet Search
  English  ▼

X  

LT5557 Datasheet(PDF) 7 Page - Linear Technology

Part # LT5557
Description  400MHz to 3.8GHz 3.3V High Signal Level Downconverting Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5557 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT5557 Datasheet HTML 3Page - Linear Technology LT5557 Datasheet HTML 4Page - Linear Technology LT5557 Datasheet HTML 5Page - Linear Technology LT5557 Datasheet HTML 6Page - Linear Technology LT5557 Datasheet HTML 7Page - Linear Technology LT5557 Datasheet HTML 8Page - Linear Technology LT5557 Datasheet HTML 9Page - Linear Technology LT5557 Datasheet HTML 10Page - Linear Technology LT5557 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT5557
5557fa
PI FU CTIO S
NC (Pins 1, 2, 4, 8, 13, 14, 16): Not Connected Internally.
These pins should be grounded on the circuit board for the
best LO-to-RF and LO-to-IF isolation.
RF (Pin 3): Single-Ended Input for the RF Signal. This pin
is internally connected to the primary side of the RF input
transformer, which has low DC resistance to ground. If the
RF source is not DC blocked, then a series blocking
capacitor must be used. The RF input is internally matched
from 1.6GHz to 2.3GHz. Operation down to 400MHz or up
to 3.8GHz is possible with simple external matching.
EN (Pin 5): Enable Pin. When the input enable voltage is
higher than 2.7V, the mixer circuits supplied through Pins
6, 7, 10 and 11 are enabled. When the input voltage is less
than 0.3V, all circuits are disabled. Typical input current is
53
μA for EN = 3.3V and 0μA when EN = 0V. The EN pin
should not be left floating. Under no conditions should the
EN pin voltage exceed VCC + 0.3V, even at start-up.
VCC2 (Pin 6): Power Supply Pin for the Bias Circuits.
Typical current consumption is 3.3mA. This pin should be
externally connected to the VCC1 pin and decoupled with
1000pF and 1
μF capacitors.
VCC1 (Pin 7): Power Supply Pin for the LO Buffer Circuits.
Typical current consumption is 25.1mA. This pin should
be externally connected to the VCC2 pin and decoupled
with 1000pF and 1
μF capacitors.
GND (Pins 9, 12): Ground. These pins are internally
connected to the backside ground for improved isolation.
They should be connected to the RF ground on the circuit
board, although they are not intended to replace the
primary grounding through the backside contact of the
package.
IF–, IF+ (Pins 10, 11): Differential Outputs for the IF
Signal. An impedance transformation may be required to
match the outputs. These pins must be connected to VCC
through impedance matching inductors, RF chokes or a
transformer center tap. Typical current consumption is
26.6mA each (53.2mA total).
LO (Pin 15): Single-Ended Input for the Local Oscillator
Signal. This pin is internally connected to the primary side
of the LO transformer, which is internally DC blocked. An
external blocking capacitor is not required. The LO input is
internally matched from 1GHz to 5GHz. Operation down to
380MHz is possible with simple external matching.
Exposed Pad (Pin 17): Circuit Ground Return for the
Entire IC. This must be soldered to the printed circuit board
ground plane.
BLOCK DIAGRA
15
7
11
3
6
5
10
DOUBLE-BALANCED
MIXER
LIMITING
AMPLIFIERS
LO
VCC2
VCC1
VCC1
EN
IF+
12
GND
17
EXPOSED
PAD
IF–
9
GND
5557 BD
BIAS
RF
VREF
REGULATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com