Electronic Components Datasheet Search
  English  ▼

X  

LT5557 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5557
Description  400MHz to 3.8GHz 3.3V High Signal Level Downconverting Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5557 Datasheet(HTML) 3 Page - Linear Technology

  LT5557 Datasheet HTML 1Page - Linear Technology LT5557 Datasheet HTML 2Page - Linear Technology LT5557 Datasheet HTML 3Page - Linear Technology LT5557 Datasheet HTML 4Page - Linear Technology LT5557 Datasheet HTML 5Page - Linear Technology LT5557 Datasheet HTML 6Page - Linear Technology LT5557 Datasheet HTML 7Page - Linear Technology LT5557 Datasheet HTML 8Page - Linear Technology LT5557 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT5557
5557fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Gain
RF = 450MHz, IF = 70MHz, High Side LO
2.9
dB
RF = 900MHz, IF = 140MHz
3.3
dB
RF = 1750MHz
3.0
dB
RF = 1950MHz
2.9
dB
RF = 2150MHz
2.9
dB
RF = 2600MHz, IF = 360MHz
2.5
dB
RF = 3600MHz, IF = 450MHz
1.7
dB
Conversion Gain vs Temperature
TA = – 40°C to 85°C, RF = 1950MHz
–0.0217
dB/
°C
Input 3rd Order Intercept
RF = 450MHz, IF = 70MHz, High Side LO
24.1
dBm
RF = 900MHz, IF = 140MHz
25.6
dBm
RF = 1750MHz
25.5
dBm
RF = 1950MHz
24.7
dBm
RF = 2150MHz
24.3
dBm
RF = 2600MHz, IF = 360MHz
23.7
dBm
RF = 3600MHz, IF = 450MHz
23.5
dBm
Single-Sideband Noise Figure
RF = 450MHz, IF = 70MHz, High Side LO
12.7
dB
RF = 900MHz, IF = 140MHz
10.6
dB
RF = 1750MHz
11.3
dB
RF = 1950MHz
11.7
dB
RF = 2150MHz
12.8
dB
RF = 2600MHz, IF = 360MHz
13.2
dB
RF = 3600MHz, IF = 450MHz
15.4
dB
LO to RF Leakage
fLO = 380MHz to 1600MHz
<–50
dBm
fLO = 1600MHz to 4000MHz
<–45
dBm
LO to IF Leakage
fLO = 380MHz to 2200MHz
<–42
dBm
fLO = 2200MHz to 4000MHz
<–38
dBm
RF to LO Isolation
fRF = 400MHz to 1700MHz
>50
dB
fRF = 1700MHz to 3800MHz
>42
dB
RF to IF Isolation
fRF = 400MHz to 2300MHz
>41
dB
fRF = 2300MHz to 3800MHz
>37
dB
2RF-2LO Output Spurious Product
900MHz: fRF = 830MHz at –6dBm, fIF = 140MHz
–61
dBc
(fRF = fLO + fIF/2)
1950MHz: fRF = 1830MHz at –6dBm, fIF = 240MHz
–53
dBc
3RF-3LO Output Spurious Product
900MHz: fRF = 806.67MHz at –6dBm, fIF = 140MHz
–83
dBc
(fRF = fLO + fIF/3)
1950MHz: fRF = 1790MHz at –6dBm, fIF = 240MHz
–70
dBc
Input 1dB Compression
RF = 450MHz, IF = 70MHz, High Side LO
10.0
dBm
RF = 900MHz, IF = 140MHz
8.8
dBm
RF = 1950MHz
8.8
dBm
RF = 2600MHz, IF = 360MHz
8.6
dBm
RF = 3600MHz, IF = 450MHz
9.1
dBm
AC ELECTRICAL CHARACTERISTICS Standard Downmixer Application: V
CC = 3.3V, EN = High, TA = 25°C,
PRF = – 6dBm (–6dBm/tone for 2-tone IIP3 tests, Δf = 1MHz), fLO = fRF – fIF, PLO = –3dBm (0dBm for 450MHz and 900MHz tests),
IF output measured at 240MHz, unless otherwise noted. Test circuit shown in Figure 1. (Notes 2, 3, 4)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: 450MHz and 900MHz performance measured with external LO and
RF matching. 2600MHz and 3600MHz performance measured with
external RF matching. See Figure 1 and Applications Information.
Note 3: Specifications over the –40
°C to 85°C temperature range are
assured by design, characterization and correlation with statistical process
controls.
Note 4: SSB Noise Figure measurements performed with a small-signal
noise source and bandpass filter on RF input, and no other RF signal
applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com