Electronic Components Datasheet Search
  English  ▼

X  

LT5557 Datasheet(PDF) 8 Page - Linear Technology

Part # LT5557
Description  400MHz to 3.8GHz 3.3V High Signal Level Downconverting Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5557 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT5557 Datasheet HTML 4Page - Linear Technology LT5557 Datasheet HTML 5Page - Linear Technology LT5557 Datasheet HTML 6Page - Linear Technology LT5557 Datasheet HTML 7Page - Linear Technology LT5557 Datasheet HTML 8Page - Linear Technology LT5557 Datasheet HTML 9Page - Linear Technology LT5557 Datasheet HTML 10Page - Linear Technology LT5557 Datasheet HTML 11Page - Linear Technology LT5557 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT5557
5557fa
TEST CIRCUITS
REF DES
VALUE
SIZE
PART NUMBER
REF DES
VALUE
SIZE
PART NUMBER
C1
1000pF
0402
AVX 04025C102JAT
L4, C4, C5
0402
See Applications Information
C2
1
μF
0603
AVX 0603ZD105KAT
L1
82nH
0603
Toko LLQ1608-F82NG
C3
2.2pF
0402
AVX 04025A2R2BAT
T1
8:1
Mini-Circuits TC8-1+
Figure 1. Standard Downmixer Test Schematic—Transformer-Based Bandpass IF Matching (240MHz IF)
REF DES
VALUE
SIZE
PART NUMBER
REF DES
VALUE
SIZE
PART NUMBER
C1, C3
1000pF
0402
AVX 04025C102JAT
L4, C4, C5
0402
See Applications Information
C2
1
μF
0603
AVX 0603ZD105KAT
L1, L2
100nH
0603
Toko LL1608-FSLR10J
C6, C7
4.7pF
0402
AVX 04025A4R7CAT
L3
150nH
0603
Toko LL1608-FSLR15J
Figure 2. Downmixer Test Schematic—Discrete IF Balun Matching (240MHz IF)
IFOUT
240MHz
5557 F02
16
15
14
13
56
7
8
12
11
10
9
NC
NC
GND
GND
EN
EN
VCC2 VCC1
NC
RF
LO
NC
NC
1
2
3
4
EXTERNAL MATCHING
FOR LO BELOW 1GHz
NC
NC
IF
+
IF–
RFIN
LOIN
L1
L2
L3
C4
ZO
50
Ω
C1
C2
C6
C3
C7
DISCRETE
IF BALUN
VCC (2.9V to 3.9V)
LT5557
L4
C5
L (mm)
LOW-PASS MATCH
FOR 450MHz, 900MHz
AND 3.6GHz RF
RF
GND
GND
BIAS
εR = 4.4
0.018"
0.018"
0.062"
DC910A
BOARD
STACK-UP
(FR-4)
IFOUT
240MHz
5557 F01
16
15
14
13
56
7
8
12
11
10
9
NC
NC
GND
GND
EN
EN
VCC2 VCC1
NC
RF
LO
NC
NC
1
2
3
4
NC
NC
IF
+
IF–
RFIN
LOIN
T1
C4
ZO
50
Ω
C1
C2
C3
3
VCC (2.9V to 3.9V)
LT5557
L4
C5
C5
3.9pF
RFIN
L5
3.6nH
L (mm)
LOW-PASS MATCH
FOR 450MHz, 900MHz
AND 3.6GHz RF
EXTERNAL MATCHING
FOR LO BELOW 1GHz
*HIGH-PASS MATCH
FOR 2.6GHz RF
RF
GND
GND
BIAS
εR = 3.7
0.015"
0.015"
0.062"
2
1
4
6
••
APPLICATION
RF MATCH
LO MATCH
IF MATCH
RF
LO
IF
L
C5
L4
C4
L1
C3
450MHz High Side
70MHz
6.5mm
12pF
10nH
8.2pF
270nH
15pF
900MHz
Low Side 140MHz
1.7mm
3.9pF
2.7nH
3.9pF
180nH
3.9pF
2.6GHz
360MHz
HIGH-PASS*
–
–
47nH
1.2pF
3.6GHz
450MHz
2.9mm
1pF
–
–
39nH
–
L1
DC1131A
BOARD
STACK-UP
(NELCO N4000-13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com