Electronic Components Datasheet Search
  English  ▼

X  

LT5557 Datasheet(PDF) 4 Page - Linear Technology

Part # LT5557
Description  400MHz to 3.8GHz 3.3V High Signal Level Downconverting Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5557 Datasheet(HTML) 4 Page - Linear Technology

  LT5557 Datasheet HTML 1Page - Linear Technology LT5557 Datasheet HTML 2Page - Linear Technology LT5557 Datasheet HTML 3Page - Linear Technology LT5557 Datasheet HTML 4Page - Linear Technology LT5557 Datasheet HTML 5Page - Linear Technology LT5557 Datasheet HTML 6Page - Linear Technology LT5557 Datasheet HTML 7Page - Linear Technology LT5557 Datasheet HTML 8Page - Linear Technology LT5557 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT5557
5557fa
VCC = 3.3V, Test circuit shown in Figure 1.
Midband (No external RF/LO matching) 240MHz IF output, PRF = –6dBm (–6dBm/tone for 2-tone IIP3 tests, Δf = 1MHz), PLO = –3dBm,
unless otherwise noted.
Conversion Gain, IIP3 and NF
vs RF Frequency
LO Leakage and RF Isolation vs
LO and RF Frequency
Supply Current vs Supply Voltage
Conversion Gain and IIP3
vs Temperature (Low-Side LO)
Conversion Gain and IIP3
vs Temperature (High-Side LO)
1950MHz Conversion Gain, IIP3
and NF vs Supply Voltage
1750MHz Conversion Gain, IIP3
and NF vs LO Power
2150MHz Conversion Gain, IIP3
and NF vs LO Power
1950MHz Conversion Gain, IIP3
and NF vs LO Power
RF FREQUENCY (GHz)
1.6
14
22
26
2.0
5557 G01
10
6
12
18
24
20
16
8
4
2
1.7
1.8
1.9
2.3
2.1
2.2
TA = 25°C
IF = 240MHz
GC
IIP3
SSB NF
LOW-SIDE LO
HIGH-SIDE LO
LO/RF FREQUENCY (GHz)
1.2
–40
–30
2.4
5557 G02
–50
–60
1.5
1.8
2.1
2.7
–20
35
45
25
15
55
RF-LO
RF-IF
LO-IF
LO-RF
TA = 25°C
PLO = –3dBm
SUPPLY VOLTAGE (V)
2.9
83
85
87
3.7
5557 G03
81
79
82
84
86
80
78
77
3.1
3.3
3.5
3.9
85
°C
60
°C
25
°C
–10
°C
–40
°C
TEMPERATURE (
°C)
–50
13
21
27
50
5557 G04
9
5
11
17
25
23
19
15
7
3
1
–25
0
25
100
75
IF = 240MHz
IIP3
1750MHz
1950MHz
2150MHz
GC
TEMPERATURE (
°C)
–50
13
21
27
50
5557 G05
9
5
11
17
25
23
19
15
7
3
1
–25
0
25
100
75
IF = 240MHz
IIP3
1750MHz
1950MHz
2150MHz
GC
SUPPLY VOLTAGE (V)
2.9
12
20
26
3.7
5557 G06
8
4
10
16
24
22
18
14
6
2
0
3.1
3.3
3.5
3.9
LOW-SIDE LO
IF = 240MHz
IIP3
SSB NF
–40
°C
25
°C
85
°C
GC
LO INPUT POWER (dBm)
–9
13
21
27
–1
5557 G07
9
5
11
17
25
23
19
15
7
3
1
–7
–5
–3
3
1
IIP3
GC
LOW-SIDE LO
IF = 240MHz
SSB NF
–40
°C
25
°C
85
°C
LO INPUT POWER (dBm)
–9
12
20
26
–1
5557 G08
8
4
10
16
24
22
18
14
6
2
0
–7
–5
–3
3
1
IIP3
GC
LOW-SIDE LO
IF = 240MHz
SSB NF
–40
°C
25
°C
85
°C
LO INPUT POWER (dBm)
–9
12
20
26
–1
5557 G09
8
4
10
16
24
22
18
14
6
2
0
–7
–5
–3
3
1
IIP3
GC
LOW-SIDE LO
IF = 240MHz
SSB NF
–40
°C
25
°C
85
°C
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com