Electronic Components Datasheet Search
  English  ▼

X  

LT5557 Datasheet(PDF) 9 Page - Linear Technology

Part # LT5557
Description  400MHz to 3.8GHz 3.3V High Signal Level Downconverting Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5557 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT5557 Datasheet HTML 5Page - Linear Technology LT5557 Datasheet HTML 6Page - Linear Technology LT5557 Datasheet HTML 7Page - Linear Technology LT5557 Datasheet HTML 8Page - Linear Technology LT5557 Datasheet HTML 9Page - Linear Technology LT5557 Datasheet HTML 10Page - Linear Technology LT5557 Datasheet HTML 11Page - Linear Technology LT5557 Datasheet HTML 12Page - Linear Technology LT5557 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT5557
5557fa
APPLICATIO S I FOR ATIO
Introduction
The LT5557 consists of a high linearity double-balanced
mixer, RF buffer amplifier, high speed limiting LO buffer
amplifier and bias/enable circuits. The RF and LO inputs
are both single ended. The IF output is differential. Low
side or high side LO injection can be used.
Two evaluation circuits are available. The standard evalu-
ation circuit, shown in Figure 1, incorporates transformer-
based IF matching and is intended for applications that
require the highest dynamic range and the widest IF
bandwidth. The second evaluation circuit, shown in Fig-
ure 2, replaces the IF transformer with a discrete IF balun
for reduced solution cost and size. The discrete IF balun
delivers higher conversion gain, but slightly degraded IIP3
and noise figure, and reduced IF bandwidth.
RF Input Port
The mixer’s RF input, shown in Figure 3, consists of an
integrated transformer and a high linearity differential
amplifier. The primary terminals of the transformer are
connected to the RF input (Pin 3) and ground. The second-
ary side of the transformer is internally connected to the
amplifier’s differential inputs. The DC resistance of the
primary is 4.2
Ω. If the RF source has DC voltage present,
then a coupling capacitor must be used in series with the
RF input pin.
The RF input is internally matched from 1.6GHz to 2.3GHz,
requiring no external components over this frequency
range. The input return loss, shown in Figure 4a, is typi-
cally 12dB at the band edges. The input match at the lower
band edge can be optimized with a series 3.9pF capacitor
at Pin 3, which improves the 1.6GHz return loss to greater
than 25dB. Likewise, the 2.3GHz match can be improved
to greater than 25dB with a series 1.5nH inductor. A series
2.7nH/2.2pF network will simultaneously optimize the lower
and upper band edges and expand the RF input bandwidth
to 1.2GHz-2.5GHz. Measured RF input return losses for
these three cases are also plotted in Figure 4a.
Alternatively, the input match can be shifted as low as
400MHz or up to 3800MHz by adding a shunt capacitor (C5)
to the RF input. A 450MHz input match is realized with C5
= 12pF, located 6.5mm away from Pin 3 on the evaluation
board’s 50
Ωinputtransmissionline.A900MHzinputmatch
requires C5 = 3.9pF, located at 1.7mm. A 3.6GHz input
match is realized with C5 = 1pF, located at 2.9mm. This
Figure 3. RF Input Schematic
Figure 4. RF Input Return Loss With
and Without External Matching
(4b) Series Shunt Matching
(4a) Series Reactance Matching
FREQUENCY (GHz)
0.2
–30
–25
–20
–15
–10
1.2
2.2
3.2
4.2
5557 F04a
–5
0
0.7
1.7
2.7
3.7
SERIES 2.7nH
AND 2.2pF
NO EXT MATCH
SERIES 1.5nH
SERIES 3.9pF
FREQUENCY (GHz)
0.2
–30
–25
–20
–15
–10
1.2
2.2
3.2
4.2
5557 F04b
–5
0
0.7
1.7
2.7
3.7
450MHz
L = 6.5mm
C5 = 12pF
2.6GHz
SERIES 3.9pF
SHUNT 3.6nH
3.6GHz
L = 2.9mm
C5 = 1pF
900MHz
L = 1.7mm
C5 = 3.9pF
NO EXT
MATCH
RFIN
ZO = 50Ω
L = L (mm)
C5
RF
5557 F03
RFIN
C5
L5
LOW-PASS MATCH
FOR 450MHz, 900MHz
and 3.6GHz RF
HIGH-PASS MATCH
FOR 2.6GHz RF
AND WIDEBAND RF
TO
MIXER
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com