Electronic Components Datasheet Search
  English  ▼

X  

LT5557 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5557
Description  400MHz to 3.8GHz 3.3V High Signal Level Downconverting Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5557 Datasheet(HTML) 2 Page - Linear Technology

  LT5557 Datasheet HTML 1Page - Linear Technology LT5557 Datasheet HTML 2Page - Linear Technology LT5557 Datasheet HTML 3Page - Linear Technology LT5557 Datasheet HTML 4Page - Linear Technology LT5557 Datasheet HTML 5Page - Linear Technology LT5557 Datasheet HTML 6Page - Linear Technology LT5557 Datasheet HTML 7Page - Linear Technology LT5557 Datasheet HTML 8Page - Linear Technology LT5557 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT5557
5557fa
Supply Voltage (VCC1, VCC2, IF+, IF–) ......................... 4V
Enable Voltage ............................... –0.3V to VCC + 0.3V
LO Input Power (380MHz to 4.2GHz) ............... +10dBm
LO Input DC Voltage ............................ –1V to VCC + 1V
RF Input Power (400MHz to 3.8GHz) ............... +12dBm
RF Input DC Voltage ............................................
±0.1V
Operating Temperature Range ............... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 125°C
Junction Temperature (TJ)................................... 125°C
CAUTION: This part is sensitive to electrostatic discharge
(ESD). It is very important that proper ESD precautions be
observed when handling the LT5557.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
LT5557EUF#PBF
ORDER PART
NUMBER
UF PART MARKING
5557
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 17) IS GND
MUST BE SOLDERED TO PCB
VCC = 3.3V, EN = High, TA = 25°C, unless otherwise specified. Test circuit shown in Figure 1. (Note 3)
DC ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF Input Frequency Range
No External Matching (Midband)
1600 to 2300
MHz
With External Matching (Low Band or High Band)
400
3800
MHz
LO Input Frequency Range
No External Matching
1000 to 4200
MHz
With External Matching
380
MHz
IF Output Frequency Range
Requires Appropriate IF Matching
0.1 to 600
MHz
RF Input Return Loss
ZO = 50Ω, 1600MHz to 2300MHz (No External Matching)
>12
dB
LO Input Return Loss
ZO = 50Ω, 1000MHz to 5000MHz (No External Matching)
>10
dB
IF Output Impedance
Differential at 240MHz
529
Ω||2.6pF
R||C
LO Input Power
1200MHz to 4200MHz
–8
–3
2
dBm
380MHz to 1200MHz
–5
0
5
dBm
AC ELECTRICAL CHARACTERISTICS Test circuit shown in Figure 1. (Notes 2, 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Requirements (VCC)
Supply Voltage
2.9
3.3
3.9
V
Supply Current
VCC1 (Pin 7)
25.1
mA
VCC2 (Pin 6)
3.3
mA
IF+ + IF– (Pin 11 + Pin 10)
53.2
60
mA
Total Supply Current
81.6
92
mA
Enable (EN) Low = Off, High = On
Shutdown Current
EN = Low
100
μA
Input High Voltage (On)
2.7
V
Input Low Voltage (Off)
0.3
V
EN Pin Input Current
EN = 3.3V DC
53
90
μA
Turn-ON Time
2.8
μs
Turn-OFF Time
2.9
μs
16 15 14 13
5
6
7
8
TOP VIEW
17
UF PACKAGE
16-LEAD (4mm
× 4mm) PLASTIC QFN
9
10
11
12
4
3
2
1
NC
NC
RF
NC
GND
IF+
IF–
GND
Order Options Tape and Reel: Add #TR
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com