Electronic Components Datasheet Search
  English  ▼

X  

LT5557 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5557
Description  400MHz to 3.8GHz 3.3V High Signal Level Downconverting Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5557 Datasheet(HTML) 1 Page - Linear Technology

  LT5557 Datasheet HTML 1Page - Linear Technology LT5557 Datasheet HTML 2Page - Linear Technology LT5557 Datasheet HTML 3Page - Linear Technology LT5557 Datasheet HTML 4Page - Linear Technology LT5557 Datasheet HTML 5Page - Linear Technology LT5557 Datasheet HTML 6Page - Linear Technology LT5557 Datasheet HTML 7Page - Linear Technology LT5557 Datasheet HTML 8Page - Linear Technology LT5557 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT5557
5557fa
■ Cellular, CDMA, WCDMA, TD-SCDMA and UMTS
Infrastructure
■ WiMAX
■ Wireless Infrastructure Receiver
■ Wireless Infrastructure PA Linearization
■ 900MHz/2.4GHz/3.5GHz WLAN
High Signal Level Downmixer for Multi-Carrier Wireless Infrastructure
400MHz to 3.8GHz
3.3V High Signal Level
Downconverting Mixer
■ 3.3V Operation for Reduced Power
■ 50
Ω Single-Ended RF and LO Ports
■ Wide RF Frequency Range: 400MHz to 3.8GHz*
■ High Input IP3:
25.6dBm at 900MHz
24.7dBm at 1950MHz
23.7dBm at 2.6GHz
■ Conversion Gain: 3.3dB at 900MHz
2.9dB at 1950MHz
■ –3dBm LO Drive Level
■ Low LO Leakage
■ Low Noise Figure: 10.6dB at 900MHz
11.7dB at 1950MHz
■ Very Few External Components
■ 16-Lead (4mm
× 4mm) QFN Package
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
The LT
®5557 active mixer is optimized for high linearity,
wide dynamic range downconverter applications. The IC
includes a high speed differential LO buffer amplifier
driving a double-balanced mixer. Broadband, integrated
transformers on the RF and LO inputs provide single-
ended 50
Ω interfaces. The differential IF output allows
convenient interfacing to differential IF filters and amplifi-
ers, or is easily matched to drive a single-ended 50
Ω load,
with or without an external transformer.
The RF input is internally matched to 50
Ω from 1.6GHz to
2.3GHz, and the LO input is internally matched to 50
Ω
from 1GHz to 5GHz. The frequency range of both ports is
easily extended with simple external matching. The IF
output is partially matched and usable for IF frequencies
up to 600MHz.
The LT5557’s high level of integration minimizes the total
solution cost, board space and system-level variation.
Conversion Gain, IIP3, SSB NF and
LO Leakage vs RF Frequency
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
*Operation over a wider frequency range is possible with reduced performance. Consult factory for
information and assistance.
BIAS
EN
RF
IF+
IF–
100nH
100nH
4.7pF
150nH
IF
OUTPUT
240MHz
RF
INPUT
VCC2 VCC1
LO INPUT
–3dBm (TYP)
1nF
1
μF
1nF
4.7pF
3.3V
5557 TA01a
LT5557
GND
RF FREQUENCY (MHz)
1700
10
22
24
26
1900
2100
5557 TA01b
6
18
14
8
20
2
4
16
12
40
20
10
0
30
60
50
1800
2000
2200
LOW-SIDE LO
IF = 240MHz
PLO = –3dBm
TA = 25°C
VCC = 3.3V
IIP3
SSB NF
GC
LO-IF
LO-RF


Similar Part No. - LT5557

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5557 LINER-LT5557 Datasheet
355Kb / 20P
Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
More results

Similar Description - LT5557

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5522 LINER-LT5522 Datasheet
261Kb / 16P
400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5527 LINER-LT5527 Datasheet
197Kb / 16P
400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
LT5527EUF LINER-LT5527EUF Datasheet
187Kb / 16P
400MHz to 3.7GHz 5V High Signal Level
LT5522 LINER-LT5522_15 Datasheet
267Kb / 16P
400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5527 LINER-LT5527_15 Datasheet
208Kb / 16P
400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
LTC5569 LINER-LTC5569_15 Datasheet
417Kb / 22P
300MHz to 4GHz 3.3V Dual Active Downconverting Mixer
LTC5577 LINER-LTC5577_15 Datasheet
379Kb / 20P
300MHz to 6GHz High Signal Level Active Downconverting Mixer
LTC5577 LINER-LTC5577 Datasheet
379Kb / 20P
300MHz to 6GHz High Signal Level Active Downconverting Mixer
logo
Renesas Technology Corp
F1792 RENESAS-F1792_V01 Datasheet
1Mb / 33P
RF Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
February 9, 2022
F1192 RENESAS-F1192 Datasheet
2Mb / 36P
RF Dual Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
2/22/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com