Electronic Components Datasheet Search
  English  ▼

X  

LTM4601A Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4601A
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601A Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4601A Datasheet HTML 5Page - Linear Technology LTM4601A Datasheet HTML 6Page - Linear Technology LTM4601A Datasheet HTML 7Page - Linear Technology LTM4601A Datasheet HTML 8Page - Linear Technology LTM4601A Datasheet HTML 9Page - Linear Technology LTM4601A Datasheet HTML 10Page - Linear Technology LTM4601A Datasheet HTML 11Page - Linear Technology LTM4601A Datasheet HTML 12Page - Linear Technology LTM4601A Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTM4601A/LTM4601A-1
9
4601afb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
External Input Capacitor Requirement
(VIN = 4.5V to 20V, VOUT = 1.5V)
IOUT = 12A , 3× 10μF Ceramics
20
30
μF
COUT
External Output Capacitor Requirement
(VIN = 4.5V to 20V, VOUT = 1.5V)
IOUT = 12A
100
200
μF
TA = 25°C, VIN = 12V. Use Figure 1 configuration.
Power Module Description
The LTM4601A is a standalone nonisolated switching mode
DC/DC power supply. It can deliver up to 12A of DC output
current with few external input and output capacitors.
This module provides precisely regulated output voltage
programmable via one external resistor from 0.6VDC to
5.0VDC over a 4.5V to 20V wide input voltage. The typical
application schematic is shown in Figure 18.
The LTM4601A has an integrated constant on-time current
mode regulator, ultralow RDS(ON) FETs with fast switch-
ing speed and integrated Schottky diodes. The typical
switching frequency is 850kHz at full load. With current
mode control and internal feedback loop compensation,
the LTM4601A module has sufficient stability margins and
good transient performance under a wide range of operat-
ing conditions and with a wide range of output capacitors,
even all ceramic output capacitors.
Current mode control provides cycle-by-cycle fast current
limit. Besides, foldback current limiting is provided in an
overcurrent condition while VFBdrops.Internalovervoltage
and undervoltage comparators pull the open-drain PGOOD
output low if the output feedback voltage exits a ±10%
window around the regulation point. Furthermore, in an
overvoltage condition, internal top FET Q1 is turned off
and bottom FET Q2 is turned on and held on until the
overvoltage condition clears.
Pulling the RUN pin below 1V forces the controller into its
shutdown state, turning off both Q1 and Q2. At low load
current, the module works in continuous current mode by
default to achieve minimum output voltage ripple.
When DRVCC pin is connected to INTVCC an integrated
5V linear regulator powers the internal gate drivers. If a
5V external bias supply is applied on the DRVCC pin, then
an efficiency improvement will occur due to the reduced
power loss in the internal linear regulator. This is especially
true at the higher input voltage range.
The LTM4601A has a very accurate differential remote
sense amplifier with very low offset. This provides for
very accurate remote sense voltage measurement. The
MPGM pin, MARG0 pin and MARG1 pin are used to sup-
port voltage margining, where the percentage of margin
is programmed by the MPGM pin, and the MARG0 and
MARG1 select margining.
The PLLIN pin provides frequency synchronization of the
device to an external clock. The TRACK/SS pin is used for
power supply tracking and soft-start programming.
DECOUPLING REQUIREMENTS
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com