Electronic Components Datasheet Search
  English  ▼

X  

LTM4601A Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4601A
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601A Datasheet(HTML) 3 Page - Linear Technology

  LTM4601A Datasheet HTML 1Page - Linear Technology LTM4601A Datasheet HTML 2Page - Linear Technology LTM4601A Datasheet HTML 3Page - Linear Technology LTM4601A Datasheet HTML 4Page - Linear Technology LTM4601A Datasheet HTML 5Page - Linear Technology LTM4601A Datasheet HTML 6Page - Linear Technology LTM4601A Datasheet HTML 7Page - Linear Technology LTM4601A Datasheet HTML 8Page - Linear Technology LTM4601A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTM4601A/LTM4601A-1
3
4601afb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ(VIN,NOLOAD)
Input Supply Bias Current
VIN = 12V, No Switching
VIN = 12V, VOUT = 1.5V, Switching Continuous
VIN = 5V, No Switching
VIN = 5V, VOUT = 1.5V, Switching Continuous
Shutdown, RUN = 0, VIN = 12V
3.8
38
2.5
42
22
mA
mA
mA
mA
μA
IS(VIN)
Input Supply Current
VIN = 12V, VOUT = 1.5V, IOUT = 12A
VIN = 12V, VOUT = 3.3V, IOUT = 12A
VIN = 5V, VOUT = 1.5V, IOUT = 12A
1.81
3.63
4.29
A
A
A
INTVCC
VIN = 12V, RUN > 2V
No Load
4.7
5
5.3
V
Output Specifications
IOUTDC
Output Continuous Current Range
VIN = 12V, VOUT = 1.5V (Note 5)
0
12
A
ΔVOUT(LINE)
VOUT
Line Regulation Accuracy
VOUT = 1.5V, IOUT = 0A, VIN from 4.5V to 20V
l
0.3
%
ΔVOUT(LOAD)
VOUT
Load Regulation Accuracy
VOUT = 1.5V, 0A to 12A (Note 5)
VIN = 12V, with Remote Sense Amplifier
VIN = 12V (LTM4601A-1)
l
l
0.25
1
%
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 2×, 100μF X5R Ceramic
VIN = 12V, VOUT = 1.5V
VIN = 5V, VOUT = 1.5V
20
18
mVP-P
mVP-P
fS
Output Ripple Voltage Frequency
IOUT = 5A, VIN = 12V, VOUT = 1.5V
850
kHz
ΔVOUT(START)
Turn-On Overshoot,
TRACK/SS = 10nF
COUT = 200μF, VOUT = 1.5V, IOUT = 0A
VIN = 12V
VIN = 5V
20
20
mV
mV
tSTART
Turn-On Time, TRACK/SS = Open
COUT = 200μF, VOUT = 1.5V, IOUT = 1A Resisitive
Load
VIN = 12V
VIN = 5V
0.5
0.5
ms
ms
ΔVOUTLS
Peak Deviation for Dynamic Load
Load: 0% to 50% to 0% of Full Load,
COUT = 2 × 22μF Ceramic, 470μF4V Sanyo
POSCAP
VIN = 12V
VIN = 5V
35
35
mV
mV
tSETTLE
Settling Time for Dynamic Load Step Load: 0% to 50%, or 50% to 0% of Full Load
VIN = 12V
25
μs
IOUTPK
Output Current Limit
COUT = 200μF, Table 2
VIN = 12V, VOUT = 1.5V
VIN = 5V, VOUT = 1.5V
17
17
A
A
Remote Sense Amp (Note 3) (LTM4601A Only, Not Supported in the LTM4601A-1)
VOSNS+, VOSNS–
CM Range
Common Mode Input Voltage Range VIN = 12V, RUN > 2V
0
INTVCC – 1
V
DIFFVOUT Range
Output Voltage Range
VIN = 12V, DIFF OUT Load = 100k
0
INTVCC
V
VOS
Input Offset Voltage Magnitude
1.25
mV
AV
Differential Gain
1V/V
GBP
Gain-Bandwidth Product
3
MHz
The
l denotes the specifications which apply over the – 40°C to 85°C
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V. Per typical application (front page) configuration.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com