Electronic Components Datasheet Search
  English  ▼

X  

LTM4601A Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4601A
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601A Datasheet(HTML) 2 Page - Linear Technology

  LTM4601A Datasheet HTML 1Page - Linear Technology LTM4601A Datasheet HTML 2Page - Linear Technology LTM4601A Datasheet HTML 3Page - Linear Technology LTM4601A Datasheet HTML 4Page - Linear Technology LTM4601A Datasheet HTML 5Page - Linear Technology LTM4601A Datasheet HTML 6Page - Linear Technology LTM4601A Datasheet HTML 7Page - Linear Technology LTM4601A Datasheet HTML 8Page - Linear Technology LTM4601A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTM4601A/LTM4601A-1
2
4601afb
INTVCC, DRVCC, VOUT_LCL, VOUT (VOUT ≤ 3.3V with
DIFFVOUT).....................................................–0.3V to 6V
PLLIN, TRACK/SS, MPGM, MARG0, MARG1,
PGOOD, fSET ..............................–0.3V to INTVCC + 0.3V
RUN ............................................................. –0.3V to 5V
VFB, COMP ................................................–0.3V to 2.7V
VIN .............................................................–0.3V to 20V
VOSNS+, VOSNS–..........................–0.3V to INTVCC + 0.3V
Operating Temperature Range (Note 2).... –40°C to 85°C
Junction Temperature ........................................... 125°C
Storage Temperature Range...................–55°C to 125°C
(Note 1)
The
l denotes the specifications which apply over the –40°C to 85°C
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V. Per typical application (front page) configuration.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN(DC)
Input DC Voltage
l
4.5
20
V
VOUT(DC)
Output Voltage, Total Variation with
Line and Load
CIN = 10μF ×3, COUT = 200μF, RSET = 40.2k
VIN = 5V to 20V, IOUT = 0A to 12A (Note 5)
l
1.478
1.5
1.522
V
Input Specifications
VIN(UVLO)
Undervoltage Lockout Threshold
IOUT = 0A
3.2
4
V
IINRUSH(VIN)
Input Inrush Current at Startup
IOUT = 0A. VOUT = 1.5V
VIN = 5V
VIN = 12V
0.6
0.7
A
A
VIN
PGND
VOUT
VOSNS
+/NC2*
VOSNS
–/NC1*
DIFFVOUT/NC3*
VOUT_LCL
SGND
fSET
MARG0
MARG1
DRVCC
INTVCC
VFB
PGOOD
LGA PACKAGE
133-LEAD (15mm × 15mm × 2.8mm)
TOP VIEW
MTP1
MTP2
MTP3
TJMAX = 125°C, θJA = 15°C/W, θJC = 6°C/W,
θJA DERIVED FROM 95mm × 76mm PCB WITH 4 LAYERS
WEIGHT = 1.7g
*LTM4601A-1 ONLY
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM4601AEV#PBF
LTM4601AEV#PBF
LTM4601AV
133-Lead (15mm
× 15mm × 2.8mm) LGA
–40°C to 85°C
LTM4601AIV#PBF
LTM4601AIV#PBF
LTM4601AV
133-Lead (15mm
× 15mm × 2.8mm) LGA
–40°C to 85°C
LTM4601AEV-1#PBF
LTM4601AEV-1#PBF
LTM4601AV-1
133-Lead (15mm
× 15mm × 2.8mm) LGA
–40°C to 85°C
LTM4601AIV-1#PBF
LTM4601AIV-1#PBF
LTM4601AV-1
133-Lead (15mm
× 15mm × 2.8mm) LGA
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
(See Table 5. Pin Assignment)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com