Electronic Components Datasheet Search
  English  ▼

X  

LTM4601A Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4601A
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601A Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4601A Datasheet HTML 2Page - Linear Technology LTM4601A Datasheet HTML 3Page - Linear Technology LTM4601A Datasheet HTML 4Page - Linear Technology LTM4601A Datasheet HTML 5Page - Linear Technology LTM4601A Datasheet HTML 6Page - Linear Technology LTM4601A Datasheet HTML 7Page - Linear Technology LTM4601A Datasheet HTML 8Page - Linear Technology LTM4601A Datasheet HTML 9Page - Linear Technology LTM4601A Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTM4601A/LTM4601A-1
6
4601afb
(See Figure 18 for all curves)
Start-Up, IOUT = 12A
(Resistive Load)
Start-Up, IOUT = 0A
VIN to VOUT Step-Down Ratio
Short-Circuit Protection, IOUT = 0A
Short-Circuit Protection, IOUT = 12A
Track, IOUT = 12A
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT
0.5V/DIV
5ms/DIV
4601A G09
IIN
0.5A/DIV
VIN = 12V
VOUT = 1.5V
COUT = 470μF
3
22μF
SOFT-START = 10nF
VOUT
0.5V/DIV
2ms/DIV
4601A G10
IIN
1A/DIV
VIN = 12V
VOUT = 1.5V
COUT = 470μF
3
22μF
SOFT-START = 10nF
INPUT VOLTAGE (V)
0
3.0
4.0
5.5
5.0
16
4601A G11
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
4
2
8
6
12 14
18
10
20
3.3V OUTPUT WITH
130k ADDED FROM
VOUT TO fSET
5V OUTPUT WITH
100k RESISTOR
ADDED FROM fSET
TO GND
5V OUTPUT WITH
NO RESISTOR ADDED
FROM fSET TO GND
2.5V OUTPUT
1.8V OUTPUT
1.5V OUTPUT
1.2V OUTPUT
VFB
0.5V/DIV
TRACK/SS
0.5V/DIV
2ms/DIV
4601A G12
VOUT
1V/DIV
VIN = 12V
VOUT = 1.5V
COUT = 470μF
3
22μF
SOFT-START = 10nF
VOUT
0.5V/DIV
50μs/DIV
4601A G13
IIN
1A/DIV
VIN = 12V
VOUT = 1.5V
COUT = 470μF
3
22μF
SOFT-START = 10nF
VOUT
0.5V/DIV
50μs/DIV
4601A G14
IIN
1A/DIV
VIN = 12V
VOUT = 1.5V
COUT = 470μF
3
22μF
SOFT-START = 10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com