Electronic Components Datasheet Search
  English  ▼

X  

LTM4601A Datasheet(PDF) 22 Page - Linear Technology

Part # LTM4601A
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601A Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM4601A Datasheet HTML 18Page - Linear Technology LTM4601A Datasheet HTML 19Page - Linear Technology LTM4601A Datasheet HTML 20Page - Linear Technology LTM4601A Datasheet HTML 21Page - Linear Technology LTM4601A Datasheet HTML 22Page - Linear Technology LTM4601A Datasheet HTML 23Page - Linear Technology LTM4601A Datasheet HTML 24Page - Linear Technology LTM4601A Datasheet HTML 25Page - Linear Technology LTM4601A Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTM4601A/LTM4601A-1
22
4601afb
Figure 17. 3.3V at 10A Design
Figure 18. Typical 4.5V-20VIN, 1.5V at 12A Design
APPLICATIONS INFORMATION
VOUT
VFB
MARG0
MARG1
VOUT_LCL
DIFFVOUT
VOSNS
+
VOSNS
–
PGOOD
MPGM
RUN
COMP
INTVCC
DRVCC
TRACK/SS
PLLIN
LTM4601A
R1
392k
R4
100k
R2
100k
RSET
13.3k
RfSET
130k
MARGIN CONTROL
C3
100μF
6.3V
SANYO POSCAP
4601A F17
VOUT
3.3V
10A
TRACK/SS CONTROL
C6 100pF
C2
10μF
25V
3
VIN
VOUT
fSET
PGND
SGND
5% MARGIN
VIN
4.5V TO 16V
REVIEW TEMPERATURE
DERATING CURVE
+
PGOOD
VOUT
VFB
MARG0
MARG1
VOUT_LCL
DIFFVOUT
VOSNS
+
VOSNS
–
PGOOD
MPGM
RUN
COMP
INTVCC
DRVCC
TRACK/SS
PLLIN
LTM4601A
R1
392k
R4
100k
R2
100k
RSET
40.2k
COUT1
100μF
6.3V
C5
0.01μF
COUT2
470μF
6.3V
MARGIN
CONTROL
4601A F18
VOUT
1.5V
12A
CLOCK SYNC
C3 100pF
REFER TO
TABLE 2 FOR
DIFFERENT
OUTPUT
VOLTAGE
CIN
BULK
OPT
CIN
10μF
25V
3 CER
VIN
VOUT
fSET
PGND
SGND
5% MARGIN
VIN
4.5V TO 20V
REVIEW TEMPERATURE
DERATING CURVE
+
+
PGOOD
ON/OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com