Electronic Components Datasheet Search
  English  ▼

X  

LTM4601A Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4601A
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601A Datasheet(HTML) 5 Page - Linear Technology

  LTM4601A Datasheet HTML 1Page - Linear Technology LTM4601A Datasheet HTML 2Page - Linear Technology LTM4601A Datasheet HTML 3Page - Linear Technology LTM4601A Datasheet HTML 4Page - Linear Technology LTM4601A Datasheet HTML 5Page - Linear Technology LTM4601A Datasheet HTML 6Page - Linear Technology LTM4601A Datasheet HTML 7Page - Linear Technology LTM4601A Datasheet HTML 8Page - Linear Technology LTM4601A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTM4601A/LTM4601A-1
5
4601afb
Efficiency vs Load Current
with 5VIN
Efficiency vs Load Current
with 12VIN
Efficiency vs Load Current
with 20VIN
1.2V Transient Response
1.5V Transient Response
2.5V Transient Response
3.3V Transient Response
(See Figure 18 for all curves)
1.8V Transient Response
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CURRENT (A)
0
75
80
85
15
4601A G01
70
65
60
55
50
510
90
95
100
0.6VOUT
1.2VOUT
1.5VOUT
2.5VOUT
3.3VOUT
LOAD CURRENT (A)
0
50
55
65
70
75
100
85
5
10
4601A G02
60
90
95
80
15
0.6VOUT
1.2VOUT
1.5VOUT
2.5VOUT
3.3VOUT
5VOUT
LOAD CURRENT (A)
0
100
90
95
85
80
75
70
65
60
55
50
4601A G03
5
10
15
1.2VOUT
1.5VOUT
2.5VOUT
3.3VOUT
5.0VOUT
VOUT
50mV/DIV
20μs/DIV
4601A G04
IOUT
5A/DIV
1.2V AT 6A/μs LOAD STEP
COUT = 3 • 22μF 6.3V CERAMICS
470μF 4V SANYO POSCAP
C3 = 100pF
VOUT
50mV/DIV
20μs/DIV
4601A G05
IOUT
5A/DIV
1.5V AT 6A/μs LOAD STEP
COUT = 3 • 22μF 6.3V CERAMICS
470μF 4V SANYO POSCAP
C3 = 100pF
VOUT
50mV/DIV
20μs/DIV
4601A G06
IOUT
5A/DIV
1.8V AT 6A/μs LOAD STEP
COUT = 3 • 22μF 6.3V CERAMICS
470μF 4V SANYO POSCAP
C3 = 100pF
VOUT
50mV/DIV
20μs/DIV
4601A G07
IOUT
5A/DIV
2.5V AT 6A/μs LOAD STEP
COUT = 3 • 22μF 6.3V CERAMICS
470μF 4V SANYO POSCAP
C3 = 100pF
VOUT
50mV/DIV
20μs/DIV
4601A G08
IOUT
5A/DIV
3.3V AT 6A/μs LOAD STEP
COUT = 3 • 22μF 6.3V CERAMICS
470μF 4V SANYO POSCAP
C3 = 100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com