Electronic Components Datasheet Search
  English  ▼

X  

LTC1980 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1980
Description  Combination Battery Charger and DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1980 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1980 Datasheet HTML 3Page - Linear Technology LTC1980 Datasheet HTML 4Page - Linear Technology LTC1980 Datasheet HTML 5Page - Linear Technology LTC1980 Datasheet HTML 6Page - Linear Technology LTC1980 Datasheet HTML 7Page - Linear Technology LTC1980 Datasheet HTML 8Page - Linear Technology LTC1980 Datasheet HTML 9Page - Linear Technology LTC1980 Datasheet HTML 10Page - Linear Technology LTC1980 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC1980
7
1980f
REG (Pin 15): Bidirectional Regulator Mode Control Pin.
A
pull-up resistor is required between this pin and VBIAS2.
This pin is open when charging normally, has a weak pull-
down (approximately 5µA) when conditioning the battery
and a strong pull-down when in regulator mode. Pulling
this pin low forces the IC into regulator mode.
MODE (Pin 16): Selects different operating modes in both
charger and DC/DC converter configurations. Also en-
ables and disables Burst Mode operation. See Mode Pin
Operation table in Application section.
TIMER (Pin 17): A timing capacitor on this pin determines
the normal charge time for charge termination.
C(µF) = 0.25 • Time (Hours)
VBAT (Pin 18): This pin connects to the positive terminal of
the battery and the battery side of the power converter.
VBIAS2 (Pin 19): Internally Generated Voltage. Bypass this
pin with a 1µF or larger ceramic capacitor (or other low
ESR capacitor). Do not connect any load to this pin.
GND (Pin 20): Signal Ground. This pin should Kelvin-
connect to the current sense resistor (RSENSE).
ISENSE (Pin 21): Current Sense Input Pin. Connects inter-
nally to a current amplifier and zero current comparator.
This pin should Kelvin-connect to the current sense resis-
tor (RSENSE) .
CAOUT (Pin 22): Current Amplifier Output. A program
resistor connects between this pin and PROGT (Pin 2) to
set the charge current (in constant-current mode).
OVP (Pin 23): Overvoltage Protection. This pin connects
to the tap on an optional external voltage divider con-
nected across the battery. This allows nonstandard float
voltages to be used for the battery charger. Overvoltage,
restart and undervoltage thresholds will also be affected
by the external voltage division ratio. To use this pin,
BATT1 (Pin 9) must float.
SS (Pin 24): Soft-Start. A capacitor between this pin and
ground sets the battery charge ramp rate. Battery charge
current is very low the moment after the converter switches
from DC/DC converter (regulator) mode to battery charger
mode then ramps up to final battery charge current from
there. This insures that the wall adapter is not loaded down
with a large inrush current that could prevent correct
battery charger operation.
The same capacitor, which sets the soft-start ramp rate,
also sets the compensation for the battery float voltage
control loop.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com