Electronic Components Datasheet Search
  English  ▼

X  

LTC1980 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1980
Description  Combination Battery Charger and DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1980 Datasheet(HTML) 3 Page - Linear Technology

  LTC1980 Datasheet HTML 1Page - Linear Technology LTC1980 Datasheet HTML 2Page - Linear Technology LTC1980 Datasheet HTML 3Page - Linear Technology LTC1980 Datasheet HTML 4Page - Linear Technology LTC1980 Datasheet HTML 5Page - Linear Technology LTC1980 Datasheet HTML 6Page - Linear Technology LTC1980 Datasheet HTML 7Page - Linear Technology LTC1980 Datasheet HTML 8Page - Linear Technology LTC1980 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC1980
3
1980f
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRCHG2
Recharge Threshold, Delta Voltage with Respect
BATT 1 = Open
60
mV
to Float Voltage, Measured at OVP
VLT0
Charger Shorted Cell Threshold
BATT2 = 0
2.55
2.7
2.8
V
VLT1
Charger Shorted Cell Threshold
BATT2 = 1
5.2
5.4
5.65
V
IBLDO
Input Bias Current, Low Dropout Regulator
Measured at LDOFB Pin
1.0
µA
gmldo
Transconductance, Low Dropout Regulator
Measured from LDOFB to LDODRV
350
µmhos
VOLLDO
Output Low Voltage, Low Dropout Regulator
0.1
V
VOHLDO
Output High Voltage, Low Dropout Regulator
VREG – 0.1
V
IOUTLDO
Low Dropout Regulator Output Current, Source/Sink
±20
µA
AVOL
Error Amplifier Open-Loop Voltage Gain
From REGFB to VC
60
dB
IBEA
Error Amplifier Input Bias Current
–0.1
0.1
µA
VOLEA
Error Amplifier Output Low Voltage
0
0.5
V
VOHEA
Error Amplifier Output High Voltage
SS = Open
1.4
2
V
IOUT
Error Amplifier Output Source Current
0.5
mA
Error Amplifier Output Sink Current
–1.2
mA
gmflt
Float Voltage Error Amplifier Transconductance
Measured from OVP to SS,
65
µmhos
Charger Mode, BATT1 = Open
IBFLT
Float Voltage Error Amplifier Input Current
–0.1
0.1
µA
(Measured at OVP Input)
VOS1
Current Amplifier Offset Voltage
–6
6
mV
IBIS
Input Bias Current, ISENSE Input
–100
µA
AVCA
Current Amplifier Voltage Gain
Measured from ISENSE to
2.3
2.44
2.55
V/V
CAOUT Pin
RPROG
PROG Pin On Resistance
400
Ω
IPROG
PROG Pin Leakage Current
100
nA
fS
Switching Frequency
●
260
300
340
kHz
tr, tf
Driver Output Transition Times
CL = 15pF
10
ns
tBREAK
Driver Output Break Times
VBAT = VREG = 10V
100
ns
fTIMER
Timer Frequency
C = 1000pF
4.5
kHz
ITIMER1
TIMER Pin Source Current
–4
µA
ITIMER2
TIMER Pin Sink Current
4
µA
RREG
REG On Resistance
68
Ω
IREGPD
REG Pull-Down Current
2
5
9
µA
IREGLK
REG Leakage Current
60
nA
VVTHREG
REG Logic Threshold
0.3
1.3
V
VIL1
Digital Input Low Voltage,
VREG = 5V
1.185
1.221
1.247
V
Negative-Going, Wall Adapter (WA)
VIH1
Digital Input High Voltage,
VREG = 5V
1.195
1.226
1.257
V
Positive-Going, Wall Adapter (WA)
VIL2
Digital Input Low Voltage, BATT1
100
mV
VIH2
Digital Input High Voltage, BATT1
VBIAS2
V
–100
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBAT = 2.4V, VREG = 5V, VBAT unloaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com