Electronic Components Datasheet Search
  English  ▼

X  

LTC1980 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1980
Description  Combination Battery Charger and DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1980 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1980 Datasheet HTML 4Page - Linear Technology LTC1980 Datasheet HTML 5Page - Linear Technology LTC1980 Datasheet HTML 6Page - Linear Technology LTC1980 Datasheet HTML 7Page - Linear Technology LTC1980 Datasheet HTML 8Page - Linear Technology LTC1980 Datasheet HTML 9Page - Linear Technology LTC1980 Datasheet HTML 10Page - Linear Technology LTC1980 Datasheet HTML 11Page - Linear Technology LTC1980 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC1980
8
1980f
BLOCK DIAGRA
–
+
–
+
–
+
–
+
–
+
–
+
–
+
VMAX
VDD REG
MODE
REFERENCE
18
13
6
21
22
7
19
16
2
3
4
15
8
20
24
11
14
12
17
1
VREF
VREF
–
+
–
+
VREF
VREF
VREF
VREF
AC
VREF
VREF
VREF
START
SHORT CYCLE
TIMEOUT
TIMER
23
10
9
H = BURST MODE OPERATION OFF
OPEN = BURST MODE OPERATION ON
L = DISABLE
L
H
–
++
–
VREF
VREG
VBAT
VREF
VREF
CAOUT
DUMP
XFMR
RAMP
OSC
S
Q
R
AC
VM
REG
BURST
WAKE
SLEEP
DIS
UVL
REF_UVL
VBAT
VREG
VC
MODE
VBIAS2
5µA
SS
REG
WA
GND
GM
RECHARGE
CONDITION BATTERY
EA
TIMER
PROG
1980 BD
PWM
COMP
LDOFB
LDODRV
SR_EN
I = O
COMP
ISENSE
PGND
RGTDR
BGTDR
PROGT
REGFB
VBIAS1
GM
BATT2
BATT1
OVP
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com