Electronic Components Datasheet Search
  English  ▼

X  

LTC1980 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1980
Description  Combination Battery Charger and DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1980 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1980 Datasheet HTML 8Page - Linear Technology LTC1980 Datasheet HTML 9Page - Linear Technology LTC1980 Datasheet HTML 10Page - Linear Technology LTC1980 Datasheet HTML 11Page - Linear Technology LTC1980 Datasheet HTML 12Page - Linear Technology LTC1980 Datasheet HTML 13Page - Linear Technology LTC1980 Datasheet HTML 14Page - Linear Technology LTC1980 Datasheet HTML 15Page - Linear Technology LTC1980 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC1980
16
1980f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 0604 1K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1170/LT1171/LT1172 5A/3A/1.25A Flyback Regulators
Isolated Flyback Mode
LT1571
200kHz/500kHz Switching Battery Charger
Up to 1.5A Charge Current; Preset and Adjustable Battery Voltages
LTC1729
Lithium-Ion Battery Charger Termination Controllers Time or Charge Current Termination, Preconditioning 8-Lead MSOP
LTC1731
Lithium-Ion Linear Battery Charger Controller
Simple Charger uses External FET, Features Preset Voltages, C/10
Charger Detection and Programmable Timer
LTC1732
Lithium-Ion Linear Battery Charger Controller
Simple Charger uses External FET, Features Preset Voltages, C/10
Charger Detection and Programmable Timer, Input Power Good Indication
LTC1733
Monolithic Lithium-Ion Linear Battery Charger
Standalone Charger with Programmable Timer, Up to 1.5A Charge Current
LTC1734
Lithium-Ion Linear Battery Charger in ThinSOT
TM
Simple ThinSOT Charger, No Blocking Diode, No Sense Resistor Needed
LTC1734L
Lithium-Ion Linear Battery Charger Controller
50mA to 180mA, No Blocking Diode, No Sense Resistor Needed
LTC1760
Dual Battery Charger/Selector with SMBus Interface
Complete SMBus Charger/Selector for Two Smart Batteries
LTC1960
Dual Battery Charger/Selector with SPI
Complete Dual-Battery Charger/Selector System, Easy Interface with
Microcontroller, Extends Run Time by 10%, reduces Charge Time by 50%
LTC4002
Wide VIN Range Li-Ion Battery Charger
1-, 2-Cell Batteries, Switch Mode Charger, Up to µA Charge Current,
4.7V ≤ VIN ≤ 22V
LTC4007
4A Standalone Multiple Cell Li-Ion Battery Charger
6V ≤ VIN ≤ 28V, 3- or 4-Cell, Up to 96% Efficiency
LTC4050
Lithium-Ion Linear Battery Charger Controller
Simple Charger uses External FET, Thermistor Input for
Battery Temperature Sensing
LTC4052
Lithium-Ion Linear Battery Pulse Charger
Fully Integrated, Standalone Pulse Charger, Minimal Heat Dissipation,
Overcurrent Protection
LTC4411
2.6A Low Loss Ideal Diode in ThinSOT
Very Low Loss Replacement for Power Supply ORing Diodes,
2.6V to 5.5V Supply Voltage, ThinSOT Package
LTC4412
Ideal Diode or PowerPath
TM
Very Low Loss Replacement for Power Supply ORing Diodes,
Enternal Pass Element, 3V to 28V Supply Voltage,ThinSOT Package
ThinSOT and PowerPath are trademarks of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com