Electronic Components Datasheet Search
  English  ▼

X  

LTC1980 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1980
Description  Combination Battery Charger and DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1980 Datasheet(HTML) 5 Page - Linear Technology

  LTC1980 Datasheet HTML 1Page - Linear Technology LTC1980 Datasheet HTML 2Page - Linear Technology LTC1980 Datasheet HTML 3Page - Linear Technology LTC1980 Datasheet HTML 4Page - Linear Technology LTC1980 Datasheet HTML 5Page - Linear Technology LTC1980 Datasheet HTML 6Page - Linear Technology LTC1980 Datasheet HTML 7Page - Linear Technology LTC1980 Datasheet HTML 8Page - Linear Technology LTC1980 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC1980
5
1980f
Typical BGTDR and RGTDR
Waveforms
Typical ISENSE Waveforms,
Regulator
Typical Operation with Burst
Mode Operation Disabled
TYPICAL PERFOR A CE CHARACTERISTICS
Burst Mode Circuit Operation
Regulator Output Transient
Response—Wall Adapter Removal
Mode Pin Input Current vs VIN
Typical CTIMER Waveform
Regulator Output Transient
Response—Wall Adapter “Hot
Plugged”
BGTDR
1V/DIV
1µs/DIV
RGTDR
1V/DIV
VBAT = 3.6V
VREG = 3.3V
TA = 25°C
IL = 500mA
1980 G07
ISENSE
20mV/DIV
PIN 21
FIGURE 5
1µs/DIV
VBAT = 3.6V
VREG = 3.3V
IL = 500mA
TA = 25°C
FIGURE 5
1980 G08
VREG
50mV/DIV
1µs/DIV
ISENSE
50mV/DIV
VBAT = 3.6V
VREG ≅ 3.3V
IL = 500mA
MODE = VBIAS1
TA = 25°C
FIGURE 5
1980 G09
VREG
50mV/DIV
200µs/DIV
BGTDR
2V/DIV
VBAT = 3.6V
VREG = 3.3V
IL = 10mA
TA = 25°C
FIGURE 5
1980 G10
MODE PIN VIN (V)
0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0.5
1.0
1.5
2.0
1980 G13
2.5
3.0
VBAT = 2.4V
VREG = 5V
TA = 25°C
VREG
1V/DIV
500µs/DIV
VLDO
0.1V/DIV
VBAT = 3.6V
VREG = 3.3V
VLDO = 3.1V
ILDO = 200mA
VWALL ADAPTER = 6V TO 0V
TA = 25°C
FIGURE 5
1980 G11
VREG
1V/DIV
500µs/DIV
VLDO
0.5V/DIV
VBAT = 3.6V
VREG = 3.3V
VLDO = 3.1V
ILDO = 200mA
VWALL ADAPTER = 0V TO 6V
TA = 25°C
FIGURE 5
1980 G12
TIMER
100mV/DIV
PIN 17
5ms/DIV
CTIMER = 0.24µF
TA = 25°C
1980 G14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com