Electronic Components Datasheet Search
  English  ▼

X  

LTC1980 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1980
Description  Combination Battery Charger and DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1980 Datasheet(HTML) 1 Page - Linear Technology

  LTC1980 Datasheet HTML 1Page - Linear Technology LTC1980 Datasheet HTML 2Page - Linear Technology LTC1980 Datasheet HTML 3Page - Linear Technology LTC1980 Datasheet HTML 4Page - Linear Technology LTC1980 Datasheet HTML 5Page - Linear Technology LTC1980 Datasheet HTML 6Page - Linear Technology LTC1980 Datasheet HTML 7Page - Linear Technology LTC1980 Datasheet HTML 8Page - Linear Technology LTC1980 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC1980
1
1980f
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
■ Digital Cameras
■
Handheld Computers
■ Personal Digital Assistants
■ 1W to 10W Uninterruptable Power Supplies
Combination Battery
Charger and DC/DC Converter
The LTC
®1980 integrates PWM power control for charg-
ing a battery and converting the battery voltage to a
regulated output or simultaneously charging the battery
while powering a system load from an unregulated AC wall
adapter. Combining these features into a single IC pro-
duces a smaller area and lower cost solution compared to
presently available multi-IC solutions. The LTC1980 shares
the discrete components for both the battery charger and
the DC/DC converter thus minimizing size and cost relative
to dual controller solutions. Both the battery charger and
DC/DC converter use a current mode flyback topology for
high efficiency and excellent transient response. Optional
Burst Mode operation and power-down mode allow power
density, efficiency and output ripple to be tailored to the
application.
The LTC1980 provides a complete Li-Ion battery charger
with charge termination timer, preset Li-Ion battery volt-
ages, overvoltage and undervoltage protection, and user-
programmable constant-current charging. Automatic bat-
tery recharging, shorted-cell detection, and open-drain
C/10 and wall plug detect outputs are also provided. User
programming allows NiMH and NiCd battery chemistries
to be charged as well.
■ Single Controller IC Includes Battery Charger
Plus DC/DC Converter
■ Wall Adapter Voltage May be Above or Below
Battery Voltage
■ LDO Controller Allows Simultaneous Charging
and Regulating from Wall Adapter Input
■ Standalone Li-Ion Battery Charger Including Charge
Termination, Overvoltage Protection, Shorted-Cell
Detection and Battery Recharge
■ Selectable 4.1V, 4.2V, 8.2V and 8.4V Float Voltages
■ Simple NiMH and NiCd Battery Charger
■ Pin Programmable Regulator Burst Mode
® Operation
and Shutdown for High Efficiency
■ High Efficiency Current Mode 300kHz PWM
■ Reduced Component Architecture
■ Undervoltage Protection and Soft-Start Ensures
Start-Up with Current Limited Wall Adapter
■ Small 24-Pin SSOP Package
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation.
Patents Pending.
LTC1980
•
•
Li-Ion
BATTERY
POWER FLOW
CHARGING
BATTERY
OPERATION
SYSTEM
POWER
LDO/
SWITCH
3.3V
UNREGULATED
WALL ADAPTER
INPUT (3V TO 10V)
1.8V
1.5V
1980 TA01
SYSTEM LOAD
DC/DC
CONVERTERS
BAT-FET
REG-FET
Li-Ion Charger and DC/DC Converter Using One IC
LOAD CURRENT (mA)
10
90
85
80
75
70
65
60
100
1000
1980 G04
VBAT = 3.6V
TA = 25°C
FIGURE 5
3.3V Regulator Efficiency vs Load Current


Similar Part No. - LTC1980

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1980 LINER-LTC1980 Datasheet
463Kb / 16P
Combination Battery Charger and DC/DC Converter
LTC1980 LINER-LTC1980 Datasheet
244Kb / 16P
Combination Battery Charger and DC/DC Converter
LTC1980EGN LINER-LTC1980EGN Datasheet
463Kb / 16P
Combination Battery Charger and DC/DC Converter
LTC1980 LINER-LTC1980_15 Datasheet
244Kb / 16P
Combination Battery Charger and DC/DC Converter
More results

Similar Description - LTC1980

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3455 LINER-LTC3455 Datasheet
516Kb / 24P
Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
LTC1980 LINER-LTC1980 Datasheet
463Kb / 16P
Combination Battery Charger and DC/DC Converter
logo
Texas Instruments
BQ25015 TI-BQ25015 Datasheet
782Kb / 28P
SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR PORTABLE APPLICATIONS
DRV8808 TI1-DRV8808 Datasheet
1Mb / 38P
COMBINATION MOTOR DRIVER WITH DC-DC CONVERTER
logo
Linear Technology
LTC1980 LINER-LTC1980_15 Datasheet
244Kb / 16P
Combination Battery Charger and DC/DC Converter
LTC3455 LINER-LTC3455_15 Datasheet
343Kb / 28P
Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
LTC3455-1 LINER-LTC3455-1_15 Datasheet
343Kb / 28P
Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
logo
ON Semiconductor
NCP1871 ONSEMI-NCP1871 Datasheet
386Kb / 27P
Narrow Voltage DC Battery Charger
June, 2016 ??Rev. 0
logo
Texas Instruments
TPS65720 TI1-TPS65720_16 Datasheet
2Mb / 66P
Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
logo
Richtek Technology Corp...
RT5021 RICHTEK-RT5021 Datasheet
1Mb / 67P
Channels DC/DC PMU with Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com