Electronic Components Datasheet Search
  English  ▼

X  

LTC1980 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1980
Description  Combination Battery Charger and DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1980 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1980 Datasheet HTML 5Page - Linear Technology LTC1980 Datasheet HTML 6Page - Linear Technology LTC1980 Datasheet HTML 7Page - Linear Technology LTC1980 Datasheet HTML 8Page - Linear Technology LTC1980 Datasheet HTML 9Page - Linear Technology LTC1980 Datasheet HTML 10Page - Linear Technology LTC1980 Datasheet HTML 11Page - Linear Technology LTC1980 Datasheet HTML 12Page - Linear Technology LTC1980 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC1980
9
1980f
The LTC1980 is an IC designed to provide a regulated
voltage to a system load from an unregulated or regulated
wall adapter, or from a battery and also charge a battery,
thereby providing an uninterruptable power source for the
system. When the wall adapter is present it provides
power to the system load and, if needed, a portion of the
power can be used to simultaneously charge the battery.
If the wall adapter is removed, the LTC1980 uses the
battery as a power source to continue providing a regu-
lated output voltage to power the system.
Combining these two functions into a single IC reduces
circuit area compared to presently available solutions
OPERATIO
(Figure 1). The unique bidirectional power converter to-
pology (Figure 2) accounts for much of the area savings.
A transformer based design allows the wall adapter volt-
age to be less than or greater than the battery voltage.
The LTC1980 includes a 300kHz DC/DC PWM converter
that operates in two modes. The first mode is when the wall
adapter is present and the LTC1980 is used to charge the
battery using a constant-current/constant-voltage charge
scheme. The second mode is when the wall adapter is
removed and the battery powers the LTC1980 and the
DC/DC converter generates a regulated output voltage.
POWER ROUTING
Existing Methods
Using the LTC1980
LOW DROPOUT
REGULATOR
TO SYSTEM LOAD
DC/DC CONVERTERS
TO SYSTEM LOAD
DC/DC CONVERTERS
FROM WALL ADAPTER
1980 F01
FROM
WALL ADAPTER
PWM
REGULATOR
BATTERY
CHARGER
CHARGE
TERMINATION
LTC1980-BASED
POWER DESIGN
Figure 1. Portable Power Systems
LTC1980
ISENSE
•
•
Li-Ion
BATTERY
T1
WALL
ADAPTER
1980 F02a
SYSTEM LOAD
DC/DC
CONVERTERS
BAT-FET
REG-FET
RS
Figure 2. LTC1980 Bidirectional Power Conversion
(a) Battery Charger Mode
LTC1980
ISENSE
•
•
Li-Ion
BATTERY
T1
1980 F02a
SYSTEM LOAD
DC/DC
CONVERTERS
BAT-FET
REG-FET
RS
(b) DC/DC Converter Mode (Wall Adapter Removed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com