Electronic Components Datasheet Search
  English  ▼

X  

LTC2365 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2365
Description  1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2365 Datasheet(HTML) 1 Page - Linear Technology

  LTC2365 Datasheet HTML 1Page - Linear Technology LTC2365 Datasheet HTML 2Page - Linear Technology LTC2365 Datasheet HTML 3Page - Linear Technology LTC2365 Datasheet HTML 4Page - Linear Technology LTC2365 Datasheet HTML 5Page - Linear Technology LTC2365 Datasheet HTML 6Page - Linear Technology LTC2365 Datasheet HTML 7Page - Linear Technology LTC2365 Datasheet HTML 8Page - Linear Technology LTC2365 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2365/LTC2366
1
23656f
FEATURES
APPLICATIONS
DESCRIPTION
1Msps/3Msps, 12-Bit Serial
Sampling ADCs in TSOT
The LTC®2365/LTC2366 are 1Msps/3Msps, 12-bit, sam-
pling A/D converters that draw only 2mA and 2.6mA, re-
spectively, from a single 3V supply. These high performance
devices include a high dynamic range sample-and-hold
and a high speed serial interface. The full scale input is
0V to VDD or VREF. Outstanding AC performance includes
72dB SINAD and –80dB THD at sample rates of 3Msps.
The serial interface provides flexible power management
and allows maximum power efficiency at low throughput
rates. These devices are available in tiny 6- and 8-lead
TSOT-23 packages.
The serial interface, tiny TSOT-23 package and extremely
highsamplerate-to-powerratiomaketheLTC2365/LTC2366
ideal for compact, low power, high speed systems.
The high impedance single-ended analog input and the
ability to operate with reduced spans (down to 1.4V full
scale) allow direct connection to sensors and transducers in
many applications, eliminating the need for gain stages.
Single 3V Supply, 3Msps, 12-Bit Sampling ADC
n 12-Bit Resolution
n 1Msps/3Msps Sampling Rates
n Low Noise: 73dB SNR
n Low Power Dissipation: 6mW
n Single Supply 2.35V to 3.6V Operation
n No Data Latency
n Sleep Mode with 0.1μA Typical Supply Current
n Dedicated External Reference (TSOT23-8)
n 1V to 3.6V Digital Output Supply (TSOT23-8)
n SPI/MICROWIRE™ Compatible Serial I/O
n Guaranteed Operation from –40°C to 125°C
n 6- and 8-Lead TSOT-23 Packages
n Communication Systems
n Data Acquisition Systems
n Handheld Terminal Interface
n Medical Imaging
n Uninterrupted Power Supplies
n Battery Operated Systems
n Automotive
1MHz Sine Wave 8192 FFT Plot
12-Bit TSOT23-6/-8 ADC Family
DATA OUTPUT RATE
3Msps
1Msps
500ksps
250ksps
100ksps
Part Number
LTC2366
LTC2365
LTC2362
LTC2361
LTC2360
TYPICAL APPLICATION
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Protected by U.S.
VDD
VREF
GND
AIN
LTC2366
23656 TA01
ANALOG INPUT
0V TO 3V
3V
10μF
4.7μF
SERIAL DATA LINK TO
ASIC, PLD, MPU, DSP
OR SHIFT REGISTERS
DIGITAL OUTPUT SUPPLY
1V TO 3.6V
CS
SDO
SCK
OVDD
INPUT FREQUENCY (kHz)
0
0
–20
–40
–60
–80
–100
–120
–140
750
1250
23656 TA01b
250
500
1000
1500
VDD = 3V
fSMPL = 3Msps
fIN = 994kHz
SINAD = 72dB
THD = –80.3dB


Similar Part No. - LTC2365

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2365 LINER-LTC2365 Datasheet
984Kb / 20P
14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
911Kb / 20P
12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
513Kb / 22P
12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
626Kb / 22P
14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
1Mb / 18P
2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
More results

Similar Description - LTC2365

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7273 AD-AD7273 Datasheet
243Kb / 20P
3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
logo
Linear Technology
LTC1407-1 LINER-LTC1407-1 Datasheet
514Kb / 24P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC2315-12 LINER-LTC2315-12 Datasheet
911Kb / 20P
12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC1407A LINER-LTC1407A_15 Datasheet
403Kb / 24P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407-1 LINER-LTC1407-1_15 Datasheet
513Kb / 26P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407A-1 LINER-LTC1407A-1_15 Datasheet
513Kb / 26P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC2315-12 LINER-LTC2315-12_15 Datasheet
695Kb / 22P
12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2313-12 LINER-LTC2313-12_15 Datasheet
1Mb / 22P
12-Bit, 2.5Msps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2366 LINER-LTC2366_15 Datasheet
377Kb / 24P
1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com