Electronic Components Datasheet Search
  English  ▼

X  

LTC2365 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2365
Description  1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2365 Datasheet(HTML) 3 Page - Linear Technology

  LTC2365 Datasheet HTML 1Page - Linear Technology LTC2365 Datasheet HTML 2Page - Linear Technology LTC2365 Datasheet HTML 3Page - Linear Technology LTC2365 Datasheet HTML 4Page - Linear Technology LTC2365 Datasheet HTML 5Page - Linear Technology LTC2365 Datasheet HTML 6Page - Linear Technology LTC2365 Datasheet HTML 7Page - Linear Technology LTC2365 Datasheet HTML 8Page - Linear Technology LTC2365 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC2365/LTC2366
3
23656f
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
CONVERTER CHARACTERISTICS
PARAMETER
CONDITIONS
LTC2365
LTC2366
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Resolution (No Missing Codes)
l
12
12
Bits
Integral Linearity Error
(Note 5, 6)
l
±0.25
±1
±0.25
±1
LSB
Differential Linearity Error
(Note 6)
l
±0.25
±1
±0.25
±1
LSB
Transition Noise
(Note 7)
0.34
0.34
LSBRMS
Offset Error
(Note 6)
l
2
±3.5
2
±3.5
LSB
Gain Error
(Note 6)
l
1
±2
1
±2
LSB
Total Unadjusted Error
S6 Package (Note 6)
TS8 Package (Note 6)
l
l
2
3
±3.5
±4.5
2
3
±3.5
±4.5
LSB
LSB
The
l denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)
ANALOG INPUTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Voltage
S6 Package
TS8 Package
l
l
–0.05
–0.05
VDD + 0.05
VREF + 0.05
V
V
IIN
Analog Input Leakage Current
CS = High
l
±1
μA
CIN
Analog Input Capacitance
Between Conversions
During Conversions
20
4
pF
pF
VREF
Reference Input Voltage
TS8 Package
l
1.4
VDD + 0.05
V
IREF
Reference Input Leakage Current
TS8 Package
l
±1
μA
CREF
Reference Input Capacitance
TS8 Package
4
pF
tAP
Sample-and-Hold Aperture Delay Time
1
ns
tJITTER
Sample-and-Hold Aperture Delay Time Jitter
0.3
ns
DYNAMIC ACCURACY The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
LTC2365
LTC2366
UNITS
MIN
TYP MAX MIN
TYP MAX
SINAD
Signal-to-(Noise + Distortion) Ratio fIN = 1MHz
l
68
72
68
71
dB
SNR
Signal-to-Noise Ratio
fIN = 1MHz
l
70
73
69
72
dB
THD
Total Harmonic Distortion
fIN = 1MHz
l
–86
–72
–80
–72
dB
SFDR
Spurious Free Dynamic Range
fIN = 1MHz
87
82
IMD
Intermodulation Distortion
fIN1 = 0.97MHz, fIN2 = 1MHz for LTC2366
fIN1 = 97kHz, fIN2 = 100kHz for LTC2365
–76
–71.5
dB
Full Power Bandwidth
At 3dB
At 0.1dB
30
5
50
8
MHz
MHz
Full Linear Bandwidth
SINAD ≥ 68dB
2
2.5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com