Electronic Components Datasheet Search
  English  ▼

X  

LTC2365 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2365
Description  1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2365 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2365 Datasheet HTML 10Page - Linear Technology LTC2365 Datasheet HTML 11Page - Linear Technology LTC2365 Datasheet HTML 12Page - Linear Technology LTC2365 Datasheet HTML 13Page - Linear Technology LTC2365 Datasheet HTML 14Page - Linear Technology LTC2365 Datasheet HTML 15Page - Linear Technology LTC2365 Datasheet HTML 16Page - Linear Technology LTC2365 Datasheet HTML 17Page - Linear Technology LTC2365 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC2365/LTC2366
14
23656f
Figure 10. LTC2365/LTC2366 Serial Interface Timing Diagram
APPLICATIONS INFORMATION
OVERVIEW
The LTC2365/LTC2366 use a successive approximation
algorithm and internal sample-and-hold circuit to convert an
analog signal to a 12-bit serial output. Both devices operate
from a single 2.35V to 3.6V supply. The LTC2366 samples
at a rate of 3Msps with a 48MHz clock while the LTC2365
samples at a rate of 1Msps with a 16MHz clock.
The LTC2365/LTC2366 contain a 12-bit, switched-capacitor
ADC, a sample-and-hold, and a serial interface (see Block
Diagram) and are available in tiny 6- and 8-lead TSOT-23
packages. The devices provide sleep mode control through
the serial interface to save power during inactive periods
(see the SLEEP MODE section).
The S6 package of the LTC2365/LTC2366 uses VDD as the
reference and has an analog input range of 0V to VDD. The
ADC samples the analog input with respect to GND and
outputs the result through the serial interface.
The TS8 package provides two additional pins: a reference
input pin, VREF, and an output supply pin, OVDD. The ADC
can operate with reduced spans down to 1.4V and achieve
342μV resolution. OVDD controls the output swing of the
digital output pin, SDO, and allows the device to com-
municate with 1.8V, 2.5V or 3V digital systems.
SERIAL INTERFACE
TheLTC2365/LTC2366communicatewithmicrocontrollers,
DSPs and other external circuitry via a 3-wire interface.
Figure 10 shows the serial interface timing diagram, while
Figures 11 and 12 detail the timing diagrams of conversion
cycles in 14 and 16 SCK cycles respectively.
Data Transfer
A falling CS edge starts a conversion and frames the se-
rial data transfer. SCK provides the conversion clock and
controls the data transfer during the conversion.
CS going low clocks out the first leading zero and sub-
sequent SCK falling edges clock out the remaining data,
beginning with the second leading zero. (Therefore, the
first SCK falling edge captures the first leading zero and
clocks out the second leading zero). The timing diagram
in Figure 12 shows that the final bit in the data transfer is
valid on the 16th falling edge, since it is clocked out on
the previous 15th falling edge.
In applications with a slower SCK, it is possible to capture
data on each SCK rising edge. In such cases, the first fall-
ing edge of SCK clocks out the second leading zero and
can be captured on the first rising edge. However, the first
leading zero clocked out when CS goes low is missed as
shown in Figures 11 and 12. In Figure 12, the 15th falling
edge of SCK clocks out the last bit and can be captured
on the 15th rising SCK edge.
If CS goes low while SCK is low, then CS clocks out the
first leading zero and can be captured on the SCK rising
edge. The next SCK falling edge clocks out the second
leading zero and can be captured on the following rising
edge as shown in in Figure 10.
1
SCK
SDO
t2
t3
t4
t7
t5
t8
ZERO
ZERO
B11
B10
B9
B1
B0
ZERO
ZERO
23
4
(MSB)
Hi-Z STATE
513
14
15
16
t6
tQUIET
tACQ
13tSCK
tTHROUGHPUT
tCONV
CS
t1
23656 F10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com