Electronic Components Datasheet Search
  English  ▼

X  

LTC2365 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2365
Description  1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2365 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2365 Datasheet HTML 14Page - Linear Technology LTC2365 Datasheet HTML 15Page - Linear Technology LTC2365 Datasheet HTML 16Page - Linear Technology LTC2365 Datasheet HTML 17Page - Linear Technology LTC2365 Datasheet HTML 18Page - Linear Technology LTC2365 Datasheet HTML 19Page - Linear Technology LTC2365 Datasheet HTML 20Page - Linear Technology LTC2365 Datasheet HTML 21Page - Linear Technology LTC2365 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC2365/LTC2366
18
23656f
SINGLE-ENDED ANALOG INPUT
Driving the Analog Input
The analog input of the LTC2365/LTC2366 is easy to drive.
The input draws only one small current spike while charg-
ing the sample-and-hold capacitor at the end of conver-
sion. During the conversion, the analog input draws only
a small leakage current. If the source impedance of the
driving circuit is low, then the input of the LTC2365/LT2366
can be driven directly. As source impedance increases,
so will acquisition time. For minimum acquisition time
with high source impedance, a buffer amplifier should be
used. The main requirement is that the amplifier driving
the analog input must settle after the small current spike
before the next conversion starts (settling time must be
less than 56ns for full throughput rate). While choosing
an input amplifier, also keep in mind the amount of noise
and harmonic distortion the amplifier contributes.
Choosing an Input Amplifier
Choosing an input amplifier is easy if a few requirements
are taken into consideration. First, to limit the magnitude
of the voltage spike seen by amplifier from charging the
sampling capacitor, choose an amplifier that has a low
output impedance (<100Ω) at the closed-loop bandwidth
frequency. For example, if an amplifier is used in a gain
of 1 and has a unitygain bandwidth of 50MHz, then the
output impedance at 50MHz must be less than 100Ω. The
second requirement is that the closed-loop bandwidth must
be greater than 40MHz to ensure adequate small signal
settling for full throughput rate. If slower op amps are
used, more time for settling can be provided by increas-
ing the time between conversions. The best choice for an
op amp to drive the LTC2365/LTC2366 will depend on the
application. Generally, applications fall into two categories:
AC applications where dynamic specifications are most
critical and time domain applications where DC accuracy
and settling time are most critical. The following list is a
summary of the op amps that are suitable for driving the
LTC2365/LTC2366. (More detailed information is available
on the Linear Technology website at www.linear.com.)
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com