Electronic Components Datasheet Search
  English  ▼

X  

LTC2365 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2365
Description  1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2365 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2365 Datasheet HTML 2Page - Linear Technology LTC2365 Datasheet HTML 3Page - Linear Technology LTC2365 Datasheet HTML 4Page - Linear Technology LTC2365 Datasheet HTML 5Page - Linear Technology LTC2365 Datasheet HTML 6Page - Linear Technology LTC2365 Datasheet HTML 7Page - Linear Technology LTC2365 Datasheet HTML 8Page - Linear Technology LTC2365 Datasheet HTML 9Page - Linear Technology LTC2365 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC2365/LTC2366
6
23656f
TA = 25°C, VDD = OVDD = VREF (LTC2365, Note 4)
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity
vs Output Code
Differential Nonlinearity
vs Output Code
Integral and Differential
Nonlinearity vs Supply Voltage
Histogram for 16384 Conversions
SNR vs Input Frequency
SINAD vs Input Frequency
THD vs Input Frequency
THD vs Input Resistance
461kHz Sine Wave 8192 FFT Plot
OUTPUT CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
1024
2048
23656 G01
–0.6
0.6
0.8
0.2
3072
4096
VDD = 3V
OUTPUT CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
1024
2048
23656 G02
–0.6
0.6
0.8
0.2
3072
4096
VDD = 3V
SUPPLY VOLTAGE (V)
2.1
0.2
0.6
1.0
3.3
23656 G03
–0.2
–0.6
0
0.4
0.8
–0.4
–0.8
–1.0
2.4
2.7
3.0
3.6
MIN DNL
MAX DNL
MIN INL
MAX INL
CODE
2045
0
2000
4000
6000
8000
10000
2046
2047
2048
2049
23656 G04
2050
VDD = 3V
INPUT FREQUENCY (kHz)
100
72.9
73.1
23656 G05
72.7
72.5
1000
73.5
73.3
VDD = 2.35V
VDD = 3.6V
VDD = 3V
INPUT FREQUENCY (kHz)
100
72.0
72.2
72.4
72.6
72.8
73.0
73.2
1000
23656 G06
VDD = 2.35V
VDD = 3.6V
VDD = 3V
INPUT FREQUENCY (kHz)
100
–84
–83
–81
23656 G07
–85
–86
1000
–87
–88
–82
VDD = 2.35V
VDD = 3.6V
VDD = 3V
RIN = 10Ω
fSMPL = 1Msps
INPUT RESISTANCE (Ω)
0
–81
–80
100
23656 G08
–82
–83
25
50
75
–78
–79
VDD = 3V
fSMPL = 1Msps
fIN = 1MHz
INPUT FREQUENCY (kHz)
0
–40
–20
0
400
23656 G09
–60
–80
100
200
300
500
–100
–120
–140
VDD = 3V
fSMPL = 1Msps
fIN = 461kHz
SINAD = 72.8dB
THD = –86.1dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com