Electronic Components Datasheet Search
  English  ▼

X  

LTC3850 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3850
Description  Dual, 2-Phase Synchronous Step-Down Switching Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3850 Datasheet(HTML) 1 Page - Linear Technology

  LTC3850 Datasheet HTML 1Page - Linear Technology LTC3850 Datasheet HTML 2Page - Linear Technology LTC3850 Datasheet HTML 3Page - Linear Technology LTC3850 Datasheet HTML 4Page - Linear Technology LTC3850 Datasheet HTML 5Page - Linear Technology LTC3850 Datasheet HTML 6Page - Linear Technology LTC3850 Datasheet HTML 7Page - Linear Technology LTC3850 Datasheet HTML 8Page - Linear Technology LTC3850 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTC3850/LTC3850-1
1
38501fb
FEATURES
APPLICATIONS
DESCRIPTION
Dual, 2-Phase
Synchronous Step-Down
Switching Controller
The LTC®3850 is a high performance dual synchronous
step-down switching regulator controller that drives all
N-channel power MOSFET stages. A constant-frequency
current mode architecture allows a phase-lockable fre-
quency of up to 780kHz. Power loss and supply noise are
minimized by operating the two controller output stages
out of phase.
OPTI-LOOP® compensation allows the transient response
to be optimized over a wide range of output capacitance
and ESR values. The LTC3850 features a precision 0.8V
reference and a power good output indicator. A wide 4V to
24V (28V maximum/30V for LTC3850I) input supply range
encompasses most battery chemistries and intermediate
bus voltages.
Independent TK/SS pins for each controller ramp the
output voltages during start-up. Current foldback limits
MOSFET heat dissipation during short-circuit condi-
tions. The MODE/PLLIN pin selects among Burst Mode®
operation, pulse-skipping mode, or continuous inductor
current mode and allows the IC to be synchronized to an
external clock.
The LTC3850 is available in low profile 28-pin 4mm
×4mm,
4mm
× 5mm QFN and narrow SSOP packages.
High Efficiency Dual 3.3V/2.5V Step-Down Converter
n Dual, 180° Phased Controllers Reduce Required
Input Capacitance and Power Supply Induced Noise
n High Efficiency: Up to 95%
n RSENSE or DCR Current Sensing
n ±1% 0.8V Output Voltage Accuracy
n Phase-Lockable Fixed Frequency 250kHz to 780kHz
n Supports Pre-Biased Output
n Dual N-Channel MOSFET Synchronous Drive
n Wide VIN Range: 4V to 24V (30V for LTC3850I)
Operation
n Adjustable Soft-Start Current Ramping or Tracking
n Foldback Output Current Limiting
n Output Overvoltage Protection
n Power Good Output Voltage Monitor
n 28-Pin 4mm
× 4mm, 4mm × 5mm QFN and Narrow
SSOP Packages
n Notebook and Palmtop Computers
n Portable Instruments
n Battery-Operated Digital Devices
n DC Power Distribution Systems
Efficiency
L, LT, LTC, LTM, OPTI-LOOP and BURST MODE are registered trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners. Protected by U.S.
Patents, including 5481178, 5705919, 5929620, 6100678, 6144194, 6177787, 6304066, 6580258.
TYPICAL APPLICATION
0.1μF
63.4k
2.2μH
2.2k
220pF
0.1μF
0.1μF
4.7μF
22μF
50V
100μF
6V
20k
15k
VOUT1
3.3V
5A
0.1μF
43.2k
2.2μH
220pF
10nF
100μF
6V
20k
15k
10k
VOUT2
2.5V
5A
TG1
TG2
BOOST1
BOOST2
SW1
SW2
BG1
BG2
SGND
PGND
FREQ/PLLFLTR
SENSE1+
SENSE2+
RUN2
SENSE1–
SENSE2–
VFB1
VFB2
ITH1
ITH2
VIN PGOOD INTVCC
TK/SS1
TK/SS2
VIN
7V TO
24V
38501 TA01
0.1μF
0.1μF
LTC3850
MODE/PLLIN
ILIM
RUN1
500kHz
2.2k
LOAD CURRENT (mA)
10
70
75
80
85
90
100
1000
10000
65
60
55
50
95
100
100
1000
10
10000
38501 TA01b
POWER LOSS
EFFICIENCY
VIN = 12V
VOUT = 3.3V


Similar Part No. - LTC3850

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3850 LINER-LTC3850 Datasheet
2Mb / 40P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3850 LINER-LTC3850 Datasheet
312Kb / 26P
Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3850 LINER-LTC3850 Datasheet
349Kb / 30P
550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3850 LINER-LTC3850 Datasheet
398Kb / 32P
2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3850 LINER-LTC3850 Datasheet
721Kb / 54P
Dual, Fast, Accurate Step-Down DC/DC Controller
More results

Similar Description - LTC3850

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3742 LINER-LT3742 Datasheet
283Kb / 24P
Dual, 2-Phase Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2 Datasheet
401Kb / 36P
Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850EUFDTRPBF LINER-LTC3850EUFDTRPBF Datasheet
595Kb / 38P
Dual, 2-Phase Synchronous Step-Down Switching Controller
LT3742 LINER-LT3742_15 Datasheet
317Kb / 26P
Dual, 2-Phase Step-Down Switching Controller
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3826 LINER-LTC3826_15 Datasheet
479Kb / 36P
30A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3850 LINER-LTC3850_15 Datasheet
595Kb / 38P
Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2_15 Datasheet
413Kb / 36P
Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-1 LINER-LTC3850-1_15 Datasheet
595Kb / 38P
Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com