Electronic Components Datasheet Search
  English  ▼

X  

LTC3850 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC3850
Description  Dual, 2-Phase Synchronous Step-Down Switching Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3850 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC3850 Datasheet HTML 26Page - Linear Technology LTC3850 Datasheet HTML 27Page - Linear Technology LTC3850 Datasheet HTML 28Page - Linear Technology LTC3850 Datasheet HTML 29Page - Linear Technology LTC3850 Datasheet HTML 30Page - Linear Technology LTC3850 Datasheet HTML 31Page - Linear Technology LTC3850 Datasheet HTML 32Page - Linear Technology LTC3850 Datasheet HTML 33Page - Linear Technology LTC3850 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
LTC3850/LTC3850-1
30
38501fb
Figure 16. 3.3V/5A, 5V/5A Converter Using Sense Resistors
0.1μF
63.4k
1%
L2
2.2μH
1000pF
1000pF
1000pF
22μF
50V
20k
1%
10k
1%
VOUT1
3.3V
5A
0.1μF
105k
1%
L2
3.3μH
1000pF
COUT2
150μF
20k
1%
15k
1%
3.16k
1%
VOUT2
5V
5A
TG1
TG2
BOOST1
BOOST2
SW1
SW2
BG1
BG2
SGND
PGND
FREQ/PLLFLTR
SENSE1+
SENSE2+
RUN2
EXTVCC
SENSE1–
SENSE2–
VFB1
VFB2
ITH1
ITH2
VIN PGOOD INTVCC
TK/SS1
TK/SS2
VIN
7V TO
24V
38501 F16
0.1μF
100pF
0.1μF
LTC3850
MODE/PLLIN
ILIM
RUN1
4.7μF
+
COUT1
220μF
+
10pF
15pF
100pF
10Ω
10Ω
10Ω
10Ω
10k
1%
2.2Ω
1μF
D4
D3
L1: TDK RLF 7030T-2R2M5R4
L2: TDK ULF10045T-3R3N6R9
COUT1: SANYO 4TPE220MF
COUT2: SANYO 6TPE150MI
8mΩ
8mΩ
M1
M2
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com