Electronic Components Datasheet Search
  English  ▼

X  

LTC3850 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3850
Description  Dual, 2-Phase Synchronous Step-Down Switching Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3850 Datasheet(HTML) 5 Page - Linear Technology

  LTC3850 Datasheet HTML 1Page - Linear Technology LTC3850 Datasheet HTML 2Page - Linear Technology LTC3850 Datasheet HTML 3Page - Linear Technology LTC3850 Datasheet HTML 4Page - Linear Technology LTC3850 Datasheet HTML 5Page - Linear Technology LTC3850 Datasheet HTML 6Page - Linear Technology LTC3850 Datasheet HTML 7Page - Linear Technology LTC3850 Datasheet HTML 8Page - Linear Technology LTC3850 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LTC3850/LTC3850-1
5
38501fb
Efficiency vs Output Current
and Mode
Efficiency and Power Loss
vs Input Voltage
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3850E/LTC3850E-1 are guaranteed to meet performance
specifications from 0°C to 85°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC3850I/LTC3850I-1 are
guaranteed to meet performance specifications over the –40°C to 85°C
operating temperature range.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 15V, VRUN1,2 = 5V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator and Phase-Locked Loop
fNOM
Nominal Frequency
VFREQ = 1.2V
450
500
550
kHz
fLOW
Lowest Frequency
VFREQ = 0V
210
250
290
kHz
fHIGH
Highest Frequency
VFREQ ≥ 2.4V
700
780
860
kHz
RMODE/PLLIN
MODE/PLLIN Input Resistance
250
kΩ
IFREQ
Phase Detector Output Current
Sinking Capability
Sourcing Capability
fMODE < fOSC
fMODE > fOSC
–13
13
μA
μA
PGOOD Output
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
0.1
0.3
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
±2
μA
VPG
PGOOD Trip Level
VFB with Respect to Set Regulated Voltage
VFB Ramping Negative
VFB Ramping Positive
–5
5
– 7.5
7.5
–10
10
%
%
LTC3850GN: TJ = TA + (PD • 95°C/W)
LTC3850UF: TJ = TA + (PD • 37°C/W)
LTC3850UFD: TJ = TA + (PD • 43°C/W)
Note 4: The LTC3850 is tested in a feedback loop that servos VITH1,2 to a
specified voltage and measures the resultant VFB1,2.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 6: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels.
Note 7: The minimum on-time condition is specified for an inductor
peak-to-peak ripple current ≥40% of IMAX (see Minimum On-Time
Considerations in the Applications Information section).
Note 8: VSENSE(MAX) defaults to 50mV typical for the LTC3850-1.
Efficiency vs Output Current
and Mode
LOAD CURRENT (mA)
CIRCUIT OF FIGURE 14
10
40
50
60
70
80
100
1000
10000
30
20
10
0
90
100
38501 G01
BURST
DCM
CCM
VIN = 12V
VOUT = 1.8V
LOAD CURRENT (mA)
10
40
50
60
70
80
100
1000
10000
30
20
10
0
90
100
38501 G02
BURST
DCM
CCM
CIRCUIT OF FIGURE 14
VIN = 12V
VOUT = 3.3V
INPUT VOLTAGE (V)
5
80
90
100
95
10
15
85
0
1000
2000
500
1500
20
25
38501 G03
POWER LOSS
EFFICIENCY
CIRCUIT OF FIGURE 14
VOUT = 3.3V
IOUT = 2A
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com