Electronic Components Datasheet Search
  English  ▼

X  

LTC3850 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC3850
Description  Dual, 2-Phase Synchronous Step-Down Switching Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3850 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC3850 Datasheet HTML 25Page - Linear Technology LTC3850 Datasheet HTML 26Page - Linear Technology LTC3850 Datasheet HTML 27Page - Linear Technology LTC3850 Datasheet HTML 28Page - Linear Technology LTC3850 Datasheet HTML 29Page - Linear Technology LTC3850 Datasheet HTML 30Page - Linear Technology LTC3850 Datasheet HTML 31Page - Linear Technology LTC3850 Datasheet HTML 32Page - Linear Technology LTC3850 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LTC3850/LTC3850-1
29
38501fb
The Coiltronics (Cooper) HCP0703-2R2 (20mΩ DCRMAX
at 20°C) and HCP0703-3R3 (30mΩ DCRMAX at 20°C) are
chosen. At 100°C, the estimated maximum DCR values are
26.4mΩ and 39.6mΩ. The divider ratios are:
RD =
RSENSE(EQUIV)
DCRMAX at TL(MAX)
=
7m
26.4m
= 0.26;
and
7m
39.6m
0.18
For each channel, 0.1μF is selected for C1.
R1||R2
=
L
(DCRMAX at 20°C)•C1
=
2.2
μH
20m • 0.1
μF
= 1.1k ; and
3.3
μH
30m • 0.1
μF
= 1.1k
For channel 1, the DCRSENSE filter/divider values are:
R1
=
R1||R2
RD
=
1.1k
0.18
6.19k;
R2
=
R1 • RD
1 RD
=
6.19k • 0.18
1 0.18
1.33k
The power loss in R1 at the maximum input voltage is:
PLOSSR1=
(VIN(MAX) VOUT)• VOUT
R1
=
(20V 3.3V) • 3.3V
6.19k
= 9mW
The respective values for Channel 2 are R1 = 4.12k, R2 =
1.5k; and PLOSS R1 = 8mW.
Burst Mode operation is chosen for high light load efficiency
(Figure 15) by floating the MODE/PLLIN pin. Power loss
due to the DCR sensing network is slightly higher at light
loads than would have been the case with a suitable sense
resistor (7mΩ). At heavier loads, DCR sensing provides
higher efficiency.
The power dissipation on the topside MOSFET can be easily
estimated. Choosing a Siliconix Si4816BDY dual MOSFET
results in: RDS(ON) = 0.023Ω/0.016Ω, CMILLER ≅ 100pF.
At maximum input voltage with T(estimated) = 50°C:
PMAIN =
3.3V
20V
5
()2 1+(0.005)(50°C–25°C)
[]•
0.023
()+ 20V
()2
5A
2
2
() 100pF
()•
1
5 – 2.3
+
1
2.3
500kHz
()=186mW
A short-circuit to ground will result in a folded back cur-
rent of:
ISC =
1/ 3
()50mV
0.007
–
1
2
90ns(20V)
3.3
μH
= 2.1A
with a typical value of RDS(ON) and δ = (0.005/°C)(20)
= 0.1. The resulting power dissipated in the bottom
MOSFET is:
PSYNC =
20V – 3.3V
20V
2.1A
()2 1.125
() 0.016
()
= 66mW
which is less than under full-load conditions.
CIN is chosen for an RMS current rating of at least 2A at
temperature assuming only channel 1 or 2 is on. COUT is
chosen with an ESR of 0.02Ω for low output ripple. The
output ripple in continuous mode will be highest at the
maximum input voltage. The output voltage ripple due to
ESR is approximately:
VORIPPLE = RESR (ΔIL) = 0.02Ω(1.5A) = 30mVP–P
Figure 15. Design Example Efficiency vs Load
APPLICATIONS INFORMATION
LOAD CURRENT (mA)
0.01
70
80
90
0.1
1
10
60
50
40
100
0.1
1
0.01
10
38501 F15
EFFICIENCY
POWER LOSS
DCR
7mΩ
DCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com