Electronic Components Datasheet Search
  English  ▼

X  

LTC3850 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3850
Description  Dual, 2-Phase Synchronous Step-Down Switching Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3850 Datasheet(HTML) 4 Page - Linear Technology

  LTC3850 Datasheet HTML 1Page - Linear Technology LTC3850 Datasheet HTML 2Page - Linear Technology LTC3850 Datasheet HTML 3Page - Linear Technology LTC3850 Datasheet HTML 4Page - Linear Technology LTC3850 Datasheet HTML 5Page - Linear Technology LTC3850 Datasheet HTML 6Page - Linear Technology LTC3850 Datasheet HTML 7Page - Linear Technology LTC3850 Datasheet HTML 8Page - Linear Technology LTC3850 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTC3850/LTC3850-1
4
38501fb
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loops
VFB1,2
Regulated Feedback Voltage
ITH1,2 Voltage = 1.2V; (Note 4)
l
0.792
0.800
0.808
V
IFB1,2
Feedback Current
(Note 4)
–10
–50
nA
VREFLNREG
Reference Voltage Line Regulation
VIN = 6V to 24V (Note 4)
0.002
0.02
%/V
VLOADREG
Output Voltage Load Regulation
(Note 4)
Measured in Servo Loop;
ΔITH Voltage = 1.2V to 0.7V
Measured in Servo Loop;
ΔITH Voltage = 1.2V to 1.6V
l
l
0.01
–0.01
0.1
–0.1
%
%
gm1,2
Transconductance Amplifier gm
ITH1,2 = 1.2V; Sink/Source 5μA; (Note 4)
2.2
mmho
IQ
Input DC Supply Current
Normal Mode
Shutdown
(Note 5)
VIN = 15V; EXTVCC Tied to VOUT1; VOUT1 = 5V
VRUN1,2 = 0V
850
30
50
μA
μA
UVLO
Undervoltage Lockout on INTVCC
VINTVCC Ramping Down
3
V
UVLOHYS
UVLO Hysteresis
0.5
V
DFMAX
Maximum Duty Factor
In Dropout
96
97.2
%
VOVL
Feedback Overvoltage Lockout
Measured at VFB1,2
l
0.84
0.86
0.88
V
ISENSE
Sense Pin Bias Current
(Each Channel) VSENSE1,2 = 3.3V
±1
±2
μA
ITK/SS1,2
Soft-Start Charge Current
VTK/SS1,2 = 0V
0.9
1.3
1.7
μA
VRUN1,2
RUN Pin ON Threshold
VRUN1, VRUN2 Rising
l
1.1
1.22
1.35
V
VRUN1,2HYS
RUN Pin ON Hysteresis
80
mV
VSENSE(MAX)
Maximum Current Sense Threshold
(Note 8)
VFB1,2 = 0.7V, VSENSE1,2 = 3.3V, ILIM = 0V
VFB1,2 = 0.7V, VSENSE1,2 = 3.3V, ILIM = Float
VFB1,2 = 0.7V, VSENSE1,2 = 3.3V, ILIM = INTVCC
l
l
l
20
40
60
30
50
75
40
60
90
mV
mV
mV
TG RUP
TG Driver Pull-Up On-Resistance
TG High
2.6
Ω
TG RDOWN
TG Driver Pulldown On-Resistance
TG Low
1.5
Ω
BG RUP
BG Driver Pull-Up On-Resistance
BG High
2.4
Ω
BG RDOWN
BG Driver Pulldown On-Resistance
BG Low
1.1
Ω
TG1,2 tr
TG1,2 tf
TG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
25
25
ns
ns
BG1,2 tr
BG1,2 tf
BG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
25
25
ns
ns
TG/BG t1D
Top Gate Off to Bottom Gate On Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF Each Driver
30
ns
BG/TG t2D
Bottom Gate Off to Top Gate On Delay
Top Switch-On Delay Time
CLOAD = 3300pF Each Driver
30
ns
tON(MIN)
Minimum On-Time
(Note 7)
90
ns
INTVCC Linear Regulator
VINTVCC
Internal VCC Voltage
7V < VIN < 24V
4.8
5
5.2
V
VLDO INT
INTVCC Load Regulation
ICC = 0mA to 50mA
0.5
2
%
VEXTVCC
EXTVCC Switchover Voltage
EXTVCC Ramping Positive
l
4.5
4.7
V
VLDO EXT
EXTVCC Voltage Drop
ICC = 20mA, VEXTVCC = 5V
50
100
mV
VLDOHYS
EXTVCC Hysteresis
200
mV
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 15V, VRUN1,2 = 5V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com