Electronic Components Datasheet Search
  English  ▼

X  

LTC3850 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3850
Description  Dual, 2-Phase Synchronous Step-Down Switching Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3850 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3850 Datasheet HTML 14Page - Linear Technology LTC3850 Datasheet HTML 15Page - Linear Technology LTC3850 Datasheet HTML 16Page - Linear Technology LTC3850 Datasheet HTML 17Page - Linear Technology LTC3850 Datasheet HTML 18Page - Linear Technology LTC3850 Datasheet HTML 19Page - Linear Technology LTC3850 Datasheet HTML 20Page - Linear Technology LTC3850 Datasheet HTML 21Page - Linear Technology LTC3850 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
LTC3850/LTC3850-1
18
38501fb
selected mode once TK/SS > 0.74V. The output ripple is
minimized during the 100mV forced continuous mode
window ensuring a clean PGOOD signal.
When the channel is configured to track another supply,
the feedback voltage of the other supply is duplicated by
a resistor divider and applied to the TK/SS pin. Therefore,
the voltage ramp rate on this pin is determined by the
ramp rate of the other supply’s voltage. Note that the
small soft-start capacitor charging current is always
flowing, producing a small offset error. To minimize this
error, select the tracking resistive divider value to be small
enough to make this error negligible.
In order to track down another channel or supply after
the soft-start phase expires, the LTC3850 is forced into
continuous mode of operation as soon as VFB is below the
undervoltage threshold of 0.74V regardless of the setting
on the MODE/PLLIN pin. However, the LTC3850 should
always be set in force continuous mode tracking down
when there is no load. After TK/SS drops below 0.1V, its
channel will operate in discontinuous mode.
Output Voltage Tracking
The LTC3850 allows the user to program how its out-
put ramps up and down by means of the TK/SS pins.
Through these pins, the output can be set up to ei-
ther coincidentally or ratiometrically track another
supply’s output, as shown in Figure 5. In the following
discussions, VOUT1 refers to the LTC3850’s output 1 as a
master channel and VOUT2 refers to the LTC3850’s output
2 as a slave channel. In practice, though, either phase can
be used as the master. To implement the coincident track-
ing in Figure 5a, connect an additional resistive divider to
VOUT1 and connect its midpoint to the TK/SS pin of the
slave channel. The ratio of this divider should be the same
as that of the slave channel’s feedback divider shown in
Figure 6a. In this tracking mode, VOUT1 must be set higher
than VOUT2.Toimplementtheratiometrictracking,theratio
of the VOUT2 divider should be exactly the same as the
master channel’s feedback divider. By selecting different
resistors, the LTC3850 can achieve different modes of
tracking including the two in Figure 5.
So which mode should be programmed? While either
mode in Figure 5 satisfies most practical applications,
some tradeoffs exist. The ratiometric mode saves a pair
of resistors, but the coincident mode offers better output
regulation. This can be better understood with the help
of Figure 7. At the input stage of the slave channel’s error
amplifier, two common anode diodes are used to clamp
the equivalent reference voltage and an additional diode
is used to match the shifted common mode voltage. The
top two current sources are of the same amplitude. In the
coincident mode, the TK/SS voltage is substantially higher
than 0.8V at steady state and effectively turns off D1. D2
and D3 will therefore conduct the same current and offer
tight matching between VFB2 and the internal precision
0.8V reference. In the ratiometric mode, however, TK/SS
equals 0.8V at steady state. D1 will divert part of the bias
current to make VFB2 slightly lower than 0.8V.
Although this error is minimized by the exponential I-V
characteristic of the diode, it does impose a finite amount
of output voltage deviation. Furthermore, when the master
channel’s output experiences dynamic excursion (under
load transient, for example), the slave channel output will
be affected as well. For better output regulation, use the
coincident tracking mode instead of ratiometric.
INTVCC Regulators and EXTVCC
The LTC3850 features an NPN linear regulator that supplies
power to INTVCC from the VIN supply. INTVCC powers the
gate drivers and much of the LTC3850’s internal circuitry.
The linear regulator regulates the voltage at the INTVCC pin
to 5V when VIN is greater than 6.5V. EXTVCC connects to
INTVCC through a P-channel MOSFET and can supply the
needed power when its voltage is higher than 4.7V. Each
of these can supply a peak current of 100mA and must
be bypassed to ground with a minimum of 1μF ceramic
capacitor or low ESR electrolytic capacitor. No matter
what type of bulk capacitor is used, an additional 0.1μF
ceramic capacitor placed directly adjacent to the INTVCC
and PGND pins is highly recommended. Good bypassing
is needed to supply the high transient currents required
by the MOSFET gate drivers and to prevent interaction
between the channels.
High input voltage applications in which large MOSFETs
are being driven at high frequencies may cause the maxi-
mum junction temperature rating for the LTC3850 to be
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com