Electronic Components Datasheet Search
  English  ▼

X  

LTC3850 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC3850
Description  Dual, 2-Phase Synchronous Step-Down Switching Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3850 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC3850 Datasheet HTML 28Page - Linear Technology LTC3850 Datasheet HTML 29Page - Linear Technology LTC3850 Datasheet HTML 30Page - Linear Technology LTC3850 Datasheet HTML 31Page - Linear Technology LTC3850 Datasheet HTML 32Page - Linear Technology LTC3850 Datasheet HTML 33Page - Linear Technology LTC3850 Datasheet HTML 34Page - Linear Technology LTC3850 Datasheet HTML 35Page - Linear Technology LTC3850 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
LTC3850/LTC3850-1
33
38501fb
TYPICAL APPLICATIONS
Figure 19. 1.8V/5A, 1.2V/5A Core-I/O Converter with a 5V Input Synchronized at 750kHz
Figure 20. 2.5V/5A, 1.2V/5A Core-I/O Converter with Dual Inputs
D3
D4
M1
0.1μF
25.5k
1%
L1
0.75μH
1.2k
1%
2200pF
100pF
0.047μF
0.047μF
4.7μF
6.3V
2x
COUT1
100μF
X2
L1, L2: TOKO FDV0630 0.75μH
M1, M2: VISHAY SILICONIX Si4816BDY
COUT1, COUT2: TAIYO YUDEN JMK325BJ107MM
20k
1%
14k
1%
VOUT1
1.8V
5A
M2
0.1μF
10k
1%
L2
0.75μH
4.99k
1%
2200pF
10nF
100pF
COUT2
100μF
X2
20k
1%
14k
1%
10k
1%
VOUT2
1.2V
5A
TG1
TG2
BOOST1
BOOST2
SW1
SW2
BG1
BG2
SGND
PGND
FREQ/PLLFLTR
SENSE1+
SENSE2+
RUN2
SENSE1–
SENSE2–
VFB1
VFB2
ITH1
ITH2
VIN PGOOD
INTVCC
TK/SS1
TK/SS2
5V ± 0.5V
38501 F19
EXTVCC
0.1μF
0.1μF
LTC3850
MODE/PLLIN
ILIM
RUN1
1.2k
1%
2.94k
1%
4.7μF
100pF
47pF
1nF
PLLIN
750kHz
1Ω
D3
D4
M1
0.1μF
43.2k
1%
L1
2.2μH
1.2k
1%
2200pF
100pF
0.1μF
0.1μF
4.7μF
2x
COUT1
100μF
X2
L1: TOKO FDV0630 2.2μH
L2: TOKO FDV0630 0.75μH
M1, M2: VISHAY SILICONIX Si4816BDY
COUT1, COUT2: TAIYO YUDEN JMK325BJ107MM
20k
1%
10k
1%
VOUT1
2.5V
5A
M2
0.1μF
10k
1%
L2
0.75μH
4.32k
1%
2200pF
100pF
COUT2
100μF
X2
20k
1%
6.04k
1%
3.16k
1%
VOUT2
1.2V
5A
TG1
TG2
BOOST1
BOOST2
SW1
SW2
BG1
BG2
SGND
PGND
FREQ/PLLFLTR
SENSE1+
SENSE2+
RUN2
SENSE1–
SENSE2–
VFB1
VFB2
ITH1
ITH2
VIN PGOOD
INTVCC
TK/SS1
TK/SS2
VIN2
3.3V
38501 F20
EXTVCC
0.1μF
0.1μF
LTC3850
MODE/PLLIN
ILIM
RUN1
3.74k
1%
10k
1%
1.40k
1%
4.7μF
100pF
47pF
2.2Ω
4.7μF
1μF
VIN1
12V
13.0k
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com