Electronic Components Datasheet Search
  English  ▼

X  

LTC4085 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4085
Description  USB Power Manager with Ideal Diode Controller and Li-Ion Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4085 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4085 Datasheet HTML 8Page - Linear Technology LTC4085 Datasheet HTML 9Page - Linear Technology LTC4085 Datasheet HTML 10Page - Linear Technology LTC4085 Datasheet HTML 11Page - Linear Technology LTC4085 Datasheet HTML 12Page - Linear Technology LTC4085 Datasheet HTML 13Page - Linear Technology LTC4085 Datasheet HTML 14Page - Linear Technology LTC4085 Datasheet HTML 15Page - Linear Technology LTC4085 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC4085
12
4085fc
Figure 1: Simplified Block Diagram—PowerPath
OPERATION
–
+
7
WALL
4.25V
(RISING)
3.15V
(FALLING)
75mV (RISING)
25mV (FALLING)
1
2
10
14
IN
USB VBUS
WALL
ADAPTER
OUT
BAT
4085 F01
CURRENT LIMIT
CONTROL
ENABLE
CHRG
CONTROL
IDEAL
DIODE
Li-Ion
LOAD
+
–
ACPR
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com