Electronic Components Datasheet Search
  English  ▼

X  

LTC4085 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC4085
Description  USB Power Manager with Ideal Diode Controller and Li-Ion Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4085 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC4085 Datasheet HTML 15Page - Linear Technology LTC4085 Datasheet HTML 16Page - Linear Technology LTC4085 Datasheet HTML 17Page - Linear Technology LTC4085 Datasheet HTML 18Page - Linear Technology LTC4085 Datasheet HTML 19Page - Linear Technology LTC4085 Datasheet HTML 20Page - Linear Technology LTC4085 Datasheet HTML 21Page - Linear Technology LTC4085 Datasheet HTML 22Page - Linear Technology LTC4085 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC4085
19
4085fc
–
+
–
+
RNOM
10k
RNTC
10k
NTC
VNTC
9
0.1V
NTC_ENABLE
4085 F04a
LTC4085
TOO_COLD
TOO_HOT
0.74 • VNTC
0.29 • VNTC
–
+
8
–
+
–
+
RNOM
121k
RNTC
100k
R1
13.3k
NTC
VNTC
9
0.1V
NTC_ENABLE
4085 F04b
TOO_COLD
TOO_HOT
0.74 • VNTC
0.29 • VNTC
–
+
8
LTC4085
(4a)
(4b)
Figure 4. NTC Circuits
Thermistors
The LTC4085 NTC trip points were designed to work
with thermistors whose resistance-temperature charac-
teristics follow Vishay Dale’s “R-T Curve 2”. The Vishay
NTHS0603N02N1002J is an example of such a thermistor.
However, Vishay Dale has many thermistor products that
follow the “R-T Curve 2” characteristic in a variety of sizes.
Furthermore, any thermistor whose ratio of RCOLD to RHOT
is about 7.0 will also work (Vishay Dale R-T Curve 2 shows
a ratio of RCOLD to RHOT of 2.815/0.4086 = 6.89).
Power conscious designs may want to use thermistors
whose room temperature value is greater than 10k. Vishay
Dale has a number of values of thermistor from 10k to 100k
that follow the “R-T Curve 2”. Using these as indicated
in the NTC Thermistor section will give temperature trip
points of approximately 3°C and 47°C, a delta of 44°C. This
delta in temperature can be moved in either direction by
changing the value of RNOMwithrespecttoRNTC.Increasing
RNOM will move both trip points to lower temperatures.
Likewise a decrease in RNOM with respect to RNTC will
move the trip points to higher temperatures. To calculate
RNOM for a shift to lower temperature for example, use
the following equation:
R
R
Rat
C
NOM
COLD
NTC
=°
2 815
25
.
•
where RCOLD is the resistance ratio of RNTC at the desired
cold temperature trip point. If you want to shift the trip points
to higher temperatures use the following equation:
R
R
Rat
C
NOM
HOT
NTC
=°
0 4086
25
.
•
where RHOT is the resistance ratio of RNTC at the desired
hot temperature trip point.
Here is an example using a 100k R-T Curve 1 thermistor
from Vishay Dale. The difference between the trip points
is 44°C, from before, and we want the cold trip point to
be 0°C, which would put the hot trip point at 44°C. The
RNOM needed is calculated as follows:
R
R
Rat
C
k
NOM
COLD
NTC
=°
==
2 815
25
3 266
2 815
100
.
•
.
.
•1
116k
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com