Electronic Components Datasheet Search
  English  ▼

X  

LTC4085 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4085
Description  USB Power Manager with Ideal Diode Controller and Li-Ion Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4085 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4085 Datasheet HTML 12Page - Linear Technology LTC4085 Datasheet HTML 13Page - Linear Technology LTC4085 Datasheet HTML 14Page - Linear Technology LTC4085 Datasheet HTML 15Page - Linear Technology LTC4085 Datasheet HTML 16Page - Linear Technology LTC4085 Datasheet HTML 17Page - Linear Technology LTC4085 Datasheet HTML 18Page - Linear Technology LTC4085 Datasheet HTML 19Page - Linear Technology LTC4085 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC4085
16
4085fc
Battery Charger
The battery charger circuits of the LTC4085 are designed
for charging single cell lithium-ion batteries. Featuring
an internal P-channel power MOSFET, the charger uses a
constant-current/constant-voltage charge algorithm with
programmable current and a programmable timer for
charge termination. Charge current can be programmed
up to 1.5A. The final float voltage accuracy is ±0.8% typi-
cal. No blocking diode or sense resistor is required when
powering the IN pin. The CHRG open-drain status output
provides information regarding the charging status of the
LTC4085 at all times. An NTC input provides the option of
charge qualification using battery temperature.
An internal thermal limit reduces the programmed charge
current if the die temperature attempts to rise above a
preset value of approximately 105°C. This feature protects
the LTC4085 from excessive temperature, and allows the
user to push the limits of the power handling capability of a
given circuit board without risk of damaging the LTC4085.
Another benefit of the LTC4085 thermal limit is that charge
current can be set according to typical, not worst-case,
ambient temperatures for a given application with the
assurance that the charger will automatically reduce the
current in worst-case conditions.
The charge cycle begins when the voltage at the OUT pin
rises above the output UVLO level and the battery volt-
age is below the recharge threshold. No charge current
actually flows until the OUT voltage is greater than the
output UVLO level and 100mV above the BAT voltage. At
the beginning of the charge cycle, if the battery voltage
is below 2.8V, the charger goes into trickle charge mode
to bring the cell voltage up to a safe level for charging.
The charger goes into the fast charge constant-current
mode once the voltage on the BAT pin rises above 2.8V.
In constant-current mode, the charge current is set by
RPROG.Whenthebatteryapproachesthefinalfloatvoltage,
the charge current begins to decrease as the LTC4085
switches to constant-voltage mode. When the charge
current drops below 10% of the programmed charge
current while in constant-voltage mode the CHRG pin
assumes a high impedance state.
An external capacitor on the TIMER pin sets the total
minimum charge time. When this time elapses the
charge cycle terminates and the CHRG pin assumes a
high impedance state, if it has not already done so. While
charging in constant-current mode, if the charge current
is decreased by thermal regulation or in order to maintain
the programmed input current limit the charge time is
automatically increased. In other words, the charge time
is extended inversely proportional to charge current de-
livered to the battery. For Li-Ion and similar batteries that
require accurate final float potential, the internal bandgap
reference, voltage amplifier and the resistor divider provide
regulation with ±0.8% accuracy.
Trickle Charge and Defective Battery Detection
At the beginning of a charge cycle, if the battery voltage
is low (below 2.8V) the charger goes into trickle charge
reducing the charge current to 10% of the full-scale cur-
rent. If the low-battery voltage persists for one quarter
of the total charge time, the battery is assumed to be
defective, the charge cycle is terminated and the CHRG
pin output assumes a high impedance state. If for any
reason the battery voltage rises above ~2.8V the charge
cycle will be restarted. To restart the charge cycle (i.e. when
the dead battery is replaced with a discharged battery),
simply remove the input voltage and reapply it or cycle
the TIMER pin to 0V.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com