Electronic Components Datasheet Search
  English  ▼

X  

LTC4085 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4085
Description  USB Power Manager with Ideal Diode Controller and Li-Ion Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4085 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4085 Datasheet HTML 16Page - Linear Technology LTC4085 Datasheet HTML 17Page - Linear Technology LTC4085 Datasheet HTML 18Page - Linear Technology LTC4085 Datasheet HTML 19Page - Linear Technology LTC4085 Datasheet HTML 20Page - Linear Technology LTC4085 Datasheet HTML 21Page - Linear Technology LTC4085 Datasheet HTML 22Page - Linear Technology LTC4085 Datasheet HTML 23Page - Linear Technology LTC4085 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC4085
24
4085fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 1008 REV C • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
Battery Chargers
LTC1733
Monolithic Lithium-Ion Linear Battery Charger
Standalone Charger with Programmable Timer, Up to 1.5A Charge Current
LTC1734
Lithium-Ion Linear Battery Charger in ThinSOT™
Simple ThinSOT Charger, No Blocking Diode, No Sense Resistor Needed
LTC1734L
Lithium-Ion Linear Battery Charger in ThinSOT
Low Current Version of LTC1734; 50mA ≤ ICHRG ≤ 180mA
LTC4002
Switch Mode Lithium-Ion Battery Charger
Standalone, 4.7V ≤ VIN ≤ 24 V, 500kHz Frequency, 3 Hour Charge Termination
LTC4052
Monolithic Lithium-Ion Battery Pulse Charger
No Blocking Diode or External Power FET Required, ≤ 1.5A Charge Current
LTC4053
USB Compatible Monolithic Li-Ion Battery Charger Standalone Charger with Programmable Timer, Up to 1.25A Charge Current
LTC4054
Standalone Linear Li-Ion Battery Charger
with Integrated Pass Transistor in ThinSOT
Thermal Regulation Prevents Overheating, C/10 Termination,
C/10 Indicator, Up to 800mA Charge Current
LTC4057
Lithium-Ion Linear Battery Charger
Up to 800mA Charge Current, Thermal Regulation, ThinSOT Package
LTC4058
Standalone 950mA Lithium-Ion Charger in DFN
C/10 Charge Termination, Battery Kelvin Sensing, ±7% Charge Accuracy
LTC4059
900mA Linear Lithium-Ion Battery Charger
2mm
× 2mm DFN Package, Thermal Regulation, Charge Current Monitor Output
LTC4065/LTC4065A Standalone Li-Ion Battery Chargers in
2mm
× 2mm DFN
4.2V, ±0.6% Float Voltage, Up to 750mA Charge Current, 2mm × 2mm DFN,
“A” Version has ACPR Function.
LTC4411/LTC4412
Low Loss PowerPath Controller in ThinSOT
Automatic Switching Between DC Sources, Load Sharing,
Replaces ORing Diodes
Power Management
LTC3405/LTC3405A 300mA (IOUT), 1.5 MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN = 2.7V to 6V, VOUT = 0.8V, IQ = 20μA, ISD < 1μA,
ThinSOT Package
LTC3406/LTC3406A 600mA (IOUT), 1.5 MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN = 2.5V to 5.5V, VOUT = 0.6V, IQ = 20μA, ISD < 1μA,
ThinSOT Package
LTC3411
1.25A (IOUT), 4 MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN = 2.5V to 5.5V, VOUT = 0.8V, IQ = 60μA, ISD < 1μA,
MS10 Package
LTC3440
600mA (IOUT), 2 MHz, Synchronous Buck-Boost
DC/DC Converter
95% Efficiency, VIN = 2.5V to 5.5V, VOUT = 2.5V, IQ = 25μA, ISD < 1μA,
MS Package
LTC3455
Dual DC/DC Converter with USB Power Manager
and Li-Ion Battery Charger
Seamless Transition Between Power Souces: USB, Wall Adapter and Battery;
95% Efficient DC/DC Conversion
LTC4055
USB Power Controller and Battery Charger
Charges Single Cell Li-Ion Batteries Directly from a USB Port, Thermal
Regulation, 200m
Ω Ideal Diode, 4mm × 4mm QFN16 Package
LTC4066
USB Power Controller and Battery Charger
Charges Single Cell Li-Ion Batteries Directly from a USB Port, Thermal
Regulation, 50m
Ω Ideal Diode, 4mm × 4mm QFN24 Package
ThinSOT is a trademark of Linear Technology Corporation.
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com