Electronic Components Datasheet Search
  English  ▼

X  

LTC4085 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4085
Description  USB Power Manager with Ideal Diode Controller and Li-Ion Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4085 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4085 Datasheet HTML 13Page - Linear Technology LTC4085 Datasheet HTML 14Page - Linear Technology LTC4085 Datasheet HTML 15Page - Linear Technology LTC4085 Datasheet HTML 16Page - Linear Technology LTC4085 Datasheet HTML 17Page - Linear Technology LTC4085 Datasheet HTML 18Page - Linear Technology LTC4085 Datasheet HTML 19Page - Linear Technology LTC4085 Datasheet HTML 20Page - Linear Technology LTC4085 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTC4085
17
4085fc
Programming Charge Current
The formula for the battery charge current is:
II
V
R
CHG
PROG
PROG
PROG
=
()
=
•,
•,
50 000
50 000
where VPROG is the PROG pin voltage and RPROG is the
total resistance from the PROG pin to ground. Keep in
mind that when the LTC4085 is powered from the IN pin,
the programmed input current limit takes precedent over
the charge current. In such a scenario, the charge current
cannot exceed the programmed input current limit.
For example, if typical 500mA charge current is required,
calculate:
R
V
mA
k
PROG
= ⎛
⎝⎜
⎞
⎠⎟
=
1
500
50 000
100
•,
For best stability over temperature and time, 1% metal
film resistors are recommended. Under trickle charge
conditions, this current is reduced to 10% of the full-
scale value.
The Charge Timer
The programmable charge timer is used to terminate the
charge cycle. The timer duration is programmed by an
external capacitor at the TIMER pin. The charge time is
typically:
t
Hours
C
R
Hours
Fk
TIMER
TIMER
PROG
()
••
.•
=
μ
3
0 1
100
The timer starts when an input voltage greater than the
undervoltage lockout threshold level is applied or when
leaving shutdown and the voltage on the battery is less than
the recharge threshold. At power up or exiting shutdown
with the battery voltage less than the recharge threshold
the charge time is a full cycle. If the battery is greater than
the recharge threshold the timer will not start and charging
is prevented. If after power-up the battery voltage drops
below the recharge threshold or if after a charge cycle the
battery voltage is still below the recharge threshold the
charge time is set to one half of a full cycle.
The LTC4085 has a feature that extends charge time au-
tomatically. Charge time is extended if the charge current
in constant-current mode is reduced due to load current
or thermal regulation. This change in charge time is in-
versely proportional to the change in charge current. As
the LTC4085 approaches constant-voltage mode the charge
current begins to drop. This change in charge current is
due to normal charging operation and does not affect the
timer duration.
Once a time-out occurs and the voltage on the battery is
greater than the recharge threshold, the charge current
stops, and the CHRG output assumes a high impedance
state if it has not already done so.
Connecting the TIMER pin to ground disables the battery
charger.
CHRG Status Output Pin
When the charge cycle starts, the CHRG pin is pulled to
ground by an internal N-channel MOSFET capable of driving
an LED. When the charge current drops below 10% of the
programmed full charge current while in constant-voltage
mode, the pin assumes a high impedance state (but charge
current continues to flow until the charge time elapses).
If this state is not reached before the end of the program-
mable charge time, the pin will assume a high impedance
state when a time-out occurs. The CHRG current detection
threshold can be calculated by the following equation:
I
V
R
V
R
DETECT
PROG
PROG
==
01
50 000
5000
.
•,
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com