Electronic Components Datasheet Search
  English  ▼

X  

LTC4085 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4085
Description  USB Power Manager with Ideal Diode Controller and Li-Ion Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4085 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4085 Datasheet HTML 11Page - Linear Technology LTC4085 Datasheet HTML 12Page - Linear Technology LTC4085 Datasheet HTML 13Page - Linear Technology LTC4085 Datasheet HTML 14Page - Linear Technology LTC4085 Datasheet HTML 15Page - Linear Technology LTC4085 Datasheet HTML 16Page - Linear Technology LTC4085 Datasheet HTML 17Page - Linear Technology LTC4085 Datasheet HTML 18Page - Linear Technology LTC4085 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC4085
15
4085fc
Programming Current Limit
The formula for input current limit is:
I
R
V
V
R
CL
CLPROG
CLPROG
CLPROG
=
⎛
⎝⎜
⎞
⎠⎟
=
1000
1000
•
where VCLPROG is the CLPROG pin voltage and RCLPROG
is the total resistance from the CLPROG pin to ground.
For example, if typical 500mA current limit is required,
calculate:
R
V
mA
k
CLPROG ==
1
500
1000
2
•
In USB applications, the minimum value for RCLPROG
should be 2.1k. This will prevent the application current
from exceeding 500mA due to LTC4085 tolerances and
quiescent currents. A 2.1k CLPROG resistor will give
a typical current limit of 476mA in high power mode
(HPWR = 1) or 95mA in low power mode (HPWR = 0).
VCLPROG will track the input current according to the fol-
lowing equation:
I
V
R
IN
CLPROG
CLPROG
=
• 1000
For best stability over temperature and time, 1% metal
film resistors are recommended.
Ideal Diode from BAT to OUT
The LTC4085 has an internal ideal diode as well as a
controller for an optional external ideal diode. If a battery
is the only power supply available or if the load current
exceeds the programmed input current limit, then the
battery will automatically deliver power to the load via an
ideal diode circuit between the BAT and OUT pins. The
ideal diode circuit (along with the recommended 4.7μF
capacitor on the OUT pin) allows the LTC4085 to handle
large transient loads and wall adapter or USB VBUS con-
nect/disconnect scenarios without the need for large bulk
capacitors. The ideal diode responds within a few micro-
seconds and prevents the OUT pin voltage from dropping
significantly below the BAT pin voltage. A comparison of
the I-V curve of the ideal diode and a Schottky diode can
be seen in Figure 3.
If the input current increases beyond the programmed
input current limit additional current will be drawn from
the battery via the internal ideal diode. Furthermore, if
power to IN (USB VBUS) or OUT (external wall adapter) is
removed, then all of the application power will be provided
by the battery via the ideal diode. A 4.7μF capacitor at OUT
is sufficient to keep a transition from input power to battery
power from causing significant output voltage droop. The
ideal diode consists of a precision amplifier that enables a
large P-channel MOSFET transistor whenever the voltage
at OUT is approximately 20mV (VFWD) below the voltage at
BAT. The resistance of the internal ideal diode is approxi-
mately 200m
Ω. If this is sufficient for the application then
no external components are necessary. However, if more
conductance is needed, an external PFET can be added from
BAT to OUT. The GATE pin of the LTC4085 drives the gate
of the PFET for automatic ideal diode control. The source
of the external PFET should be connected to OUT and the
drain should be connected to BAT. In order to help protect
the external PFET in overcurrent situations, it should be
placed in close thermal contact to the LTC4085.
FORWARD VOLTAGE (V)
(BAT-OUT)
SCHOTTKY
DIODE
SLOPE: 1/RDIO(ON)
IMAX
VFWD
4085 F03
Figure 3. LTC4085 Schottky Diode vs Forward Voltage Drop
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com