Electronic Components Datasheet Search
  English  ▼

X  

LTC4089 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4089
Description  USB Power Manager with High Voltage Switching Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4089 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4089 Datasheet HTML 8Page - Linear Technology LTC4089 Datasheet HTML 9Page - Linear Technology LTC4089 Datasheet HTML 10Page - Linear Technology LTC4089 Datasheet HTML 11Page - Linear Technology LTC4089 Datasheet HTML 12Page - Linear Technology LTC4089 Datasheet HTML 13Page - Linear Technology LTC4089 Datasheet HTML 14Page - Linear Technology LTC4089 Datasheet HTML 15Page - Linear Technology LTC4089 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC4089/LTC4089-5
12
40895fb
IIN
ILOAD(mA)
0
300
400
500
400
500
300
4089 G01
200
100
100
200
0
ILOAD
IBAT
(CHARGING)
IBAT
(IDEAL DIODE)
IIN
ILOAD(mA)
0
60
80
100
80
100
60
4089 G02
40
20
20
40
0
ILOAD
IBAT
(CHARGING)
IBAT
(IDEAL DIODE)
ILOAD (mA)
0
300
400
500
400
500
300
4089 G03
200
100
100
200
0
IIN
ILOAD
IBAT = ICHG
IBAT = ICL = IOUT
IBAT
(CHARGING)
IBAT
(IDEAL DIODE)
input current as well as control battery charge current
as a function of IOUT. The input current limit, ICL, can be
programmed using the following formula:
I
R
V
V
R
CL
CLPROG
CLPROG
CLPROG
=
⎡
⎣
⎢
⎤
⎦
⎥ =
1000
1000
•
where VCLPROG is the CLPROG pin voltage (typically 1V)
and RCLPROG is the total resistance from the CLPROG pin
to ground. For best stability over temperature and time,
1% metal film resistors are recommended.
The programmed battery charge current, ICHG, is
defined as:
I
R
V
V
R
CHG
PROG
PROG
PROG
=
⎡
⎣
⎢
⎤
⎦
⎥ =
50 000
50 000
,
•
,
Input current, IIN, is equal to the sum of the BAT pin
output current and the OUT pin output current. VCLPROG
will typically servo to 1V, however, if IOUT + IBAT < ICL
then VCLPROG will track the input current according to the
following equation:
II
I
V
R
IN
OUT
BAT
CLPROG
CLPROG
=+
=
• 1000
The current limiting circuitry in the LTC4089/LTC4089-5
can and should be configured to limit current to 500mA
for USB applications (selectable using the HPWR pin and
programmed using the CLPROG pin).
OPERATIO
Figure 2. Input and Battery Currents as a Function of Load Current
The LTC4089/LTC4089-5 reduces battery charge current
such that the sum of the battery charge current and the
load current does not exceed the programmed input current
limit (one-fifth of the programmed input current limit when
HPWR is low, see Figure 2). The battery charge current
goes to zero when load current exceeds the programmed
input current limit (one-fifth of the limit when HPWR is
low). Even if the battery charge current is set to exceed
the allowable USB current, the USB specification will not
be violated. The battery charger will reduce its current as
needed to ensure that the USB specification is not exceeded.
If the load current is greater than the current limit, the
output voltage will drop to just under the battery voltage
where the ideal diode circuit will take over and the excess
load current will be drawn from the battery.
In USB applications, the minimum value for RCLPROG
should be 2.1k. This will prevent the input current from
exceeding 500mA due to LTC4089/LTC4089-5 tolerances
and quiescent currents. A 2.1k CLPROG resistor will give a
typical current limit of 476mA in high power mode (HPWR
= 1) or 95mA in low power mode (HPWR = 0).
When SUSP is driven to a logic high, the input power
path is disabled and the ideal diode from BAT to OUT will
supply power to the application.
(a) High Power Mode/Full Charge
RPROG = 100k and RCLPROG = 2k
(b) Low Power Mode/Full Charge
RPROG = 100k and RCLPROG = 2k
(c) High Power Mode with
ICL = 500mA and ICHG = 250mA
RPROG = 200k and RCLPROG = 2k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com