Electronic Components Datasheet Search
  English  ▼

X  

LTC4089 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4089
Description  USB Power Manager with High Voltage Switching Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4089 Datasheet(HTML) 3 Page - Linear Technology

  LTC4089 Datasheet HTML 1Page - Linear Technology LTC4089 Datasheet HTML 2Page - Linear Technology LTC4089 Datasheet HTML 3Page - Linear Technology LTC4089 Datasheet HTML 4Page - Linear Technology LTC4089 Datasheet HTML 5Page - Linear Technology LTC4089 Datasheet HTML 6Page - Linear Technology LTC4089 Datasheet HTML 7Page - Linear Technology LTC4089 Datasheet HTML 8Page - Linear Technology LTC4089 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC4089/LTC4089-5
3
40895fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VUVLO
Input Undervoltage Lockout
VIN Powers Part, Rising Threshold
●
3.6
3.8
4
V
dVUVLO
Input Undervoltage Lockout
Hysteresis
VIN Rising – VIN Falling
130
mV
High Voltage Regulator
VHVIN
HVIN Supply Voltage
6
36
V
IHVIN
HVIN Bias Current
Not Switching
Shutdown; HVEN = 0V
1.9
0.01
2.5
2
mA
µA
VOUT
Output Voltage with HVIN Present
Assumes HVOUT to OUT Connection (LTC4089)
Assumes HVOUT to OUT Connection (LTC4089-5)
●
3.45
4.85
VBAT+0.3
5
4.6
5.15
V
V
VHVUVLO
High Voltage Input Undervoltage
Lockout
VHVIN Rising
4.7
5
V
fSW
Switching Frequency
VHVOUT > 3.95V
VHVOUT = 0V
685
750
35
815
kHz
kHz
DCMAX
Maximum Duty Cycle
●
88
95
%
ISW(MAX)
Switch Current Limit
(Note 9)
1.5
1.95
2.3
A
VSAT
Switch VCESAT
ISW = 1A
330
mV
ILK
Switch Leakage Current
2µA
VSWD
Minimum Boost Voltage Above SW
ISW = 1A
1.85
2.2
V
IBST
BOOST Pin Current
ISW = 1A
30
50
mA
Battery Management
VBAT
Input Voltage
BAT
4.3
V
IBAT
Battery Drain Current
VBAT = 4.3V, Charging Stopped
Suspend Mode; SUSP = 5V
VHVIN = VIN = 0V, BAT Powers OUT, No Load
●
●
●
15
22
60
27
35
100
µA
µA
µA
VFLOAT
Regulated Output Voltage
IBAT = 2mA
IBAT = 2mA; (0°C – 85°C)
4.165
4.158
4.200
4.200
4.235
4.242
V
V
ICHG
Current Mode Charge Current
RPROG = 100k, No Load
RPROG = 50k, No Load; (0°C – 85°C)
●
465
900
500
1000
535
1080
mA
mA
ICHG(MAX)
Maximum Charge Current
(Note 8)
1.2
A
VPROG
PROG Pin Voltage
RPROG = 100k
RPROG = 50k
●
●
0.98
0.98
1.00
1.00
1.02
1.02
V
V
kEOC
Ratio of End-of-Charge Current to
Charge Current
VBAT = VFLOAT (4.2V)
●
0.085
0.1
0.11
mA/mA
ITRIKL
Trickle Charge Current
VBAT = 2V, RPROG = 100k
35
50
60
mA
VTRIKL
Trickle Charge Threshold Voltage
●
2.75
2.9
3
V
VCEN
Charger Enable Threshold Voltage
(VOUT – VBAT) Falling; VBAT = 4V
(VOUT – VBAT) Rising; VBAT = 4V
55
80
mV
mV
VRECHRG
Recharge Battery Threshold Voltage VFLOAT - VRECHRG
●
65
100
135
mV
tTIMER
TIMER Accuracy
VBAT = 4.3V
–10
10
%
Recharge Time
Percent of Total Charge Time
50
%
Low Battery Trickle Charge Time
Percent of Total Charge Time, VBAT < 2.8V
25
%
TLIM
Junction Temperature in Constant
Temperature Mode
105
°C
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. HVIN = 12V, BOOST = 17V, VIN = 5V, VBAT = 3.7V, HVEN = 12V,
HPWR = 5V, RPROG = 100k, RCLPROG = 2k, SUSP = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com