Electronic Components Datasheet Search
  English  ▼

X  

LTC4089 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4089
Description  USB Power Manager with High Voltage Switching Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4089 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4089 Datasheet HTML 16Page - Linear Technology LTC4089 Datasheet HTML 17Page - Linear Technology LTC4089 Datasheet HTML 18Page - Linear Technology LTC4089 Datasheet HTML 19Page - Linear Technology LTC4089 Datasheet HTML 20Page - Linear Technology LTC4089 Datasheet HTML 21Page - Linear Technology LTC4089 Datasheet HTML 22Page - Linear Technology LTC4089 Datasheet HTML 23Page - Linear Technology LTC4089 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LTC4089/LTC4089-5
22
40895fb
HVIN
SW
VIN
6V
TO 36V
GND
USB
4.35V
TO 5.5V
E8
HPWR
L1
10
µH
SLF6028T-100M1R3
4089 F10
VC
GND
LTC4089
GND
BOOST
SUSP
+
HVOUT
HVOUT
HVPR
OUT
GATE
BAT
CHRG
VNTC
NTC
HVEN
C1
1
µF
50V
C5
4.7
µF
6.3V
C4
0.1
µF
10%
R3
2.1k
1%
R4
71.5k
1%
C9
22
µF
50V
R1
1M
1%
C7
1000pF
50V
VIN
E1
E2
E3
E13
SUSP
E10
CLPROG
E12
PROG
R2
1
Ω
PROG
TIMER
CLPROG
D2
SD101AWS
C2
0.1
µF
6.3V
D1
DLFS160
C3
22
µF
6.3V
C6
4.7
µF
6.3V
R7
680
D3
HVPR
RED
R6
1k
1%
R5
10k
1%
R10
10k
1%
Q1
Si2333DS
Q2
Si2333DS
R8
680
D4
CHGR
GRN
C8
4.7
µF
6.3V
R9
1
Ω
E16
HVOUT
E4
OUT
GND
E6
LI-ION+
E7
GND
E9
CHGR
E11
NTC
EXT
INT
19
21
22
12
15
16
17
14
9
20
3
18
7
13
10
11
8
6
5
1
2
3
JP4
NTC
ON
OFF
1
2
3
JP1
VIN
OFF
ON
1
2
3
JP3
USB ON/OFF
USB
500mA
100mA
1
2
3
JP2
CURRENT
IN
HPWR
42
1
10pF
APPLICATIO S I FOR ATIO
Figure 10. Typical Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com