Electronic Components Datasheet Search
  English  ▼

X  

LTC4089 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4089
Description  USB Power Manager with High Voltage Switching Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4089 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4089 Datasheet HTML 16Page - Linear Technology LTC4089 Datasheet HTML 17Page - Linear Technology LTC4089 Datasheet HTML 18Page - Linear Technology LTC4089 Datasheet HTML 19Page - Linear Technology LTC4089 Datasheet HTML 20Page - Linear Technology LTC4089 Datasheet HTML 21Page - Linear Technology LTC4089 Datasheet HTML 22Page - Linear Technology LTC4089 Datasheet HTML 23Page - Linear Technology LTC4089 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC4089/LTC4089-5
24
40895fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2006
LT/LWI 0706 REV B • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
Battery Chargers
LTC1733
Monolithic Lithium-Ion Linear Battery
Charger
Standalone Charger with Programmable Timer, Up to 1.5A Charge Current
LTC1734
Lithium-Ion Linear Battery Charger in
ThinSOT
TM
Simple ThinSOT Charger, No Blocking Diode, No Sense Resistor Needed
LTC4002
Switch Mode Lithium-Ion Battery
Charger
Standalone, 4.7V ≤ VIN ≤ 24V, 500kHz Frequency, 3 Hour Charge Termination
LTC4053
USB Compatible Monolithic Li-Ion
Battery Charger
Standalone Charger with Programmable Timer, Up to 1.25A Charge Current
LTC4054
Standalone Linear Li-Ion Battery
Charger with Integrated Pass Transistor
in ThinSOT
Thermal Regulation Prevents Overheating, C/10 Termination, C/10 Indicator, Up to 800mA
Charge Current
LTC4057
Lithium-Ion Linear Battery Charger
Up to 800mA Charge Current, Thermal Regulation, ThinSOT Package
LTC4058
Standalone 950mA Lithium-Ion Charger
in DFN
C/10 Charge Termination, Battery Kelvin Sensing, ±7% Charge Accuracy
LTC4059
900mA Linear Lithium-Ion Battery
Charger
2mm
2mm DFN Package, Thermal Regulation, Charge Current Monitor Output
LTC4065/LTC4065A Standalone Li-Ion Battery Chargers
in 2
2 DFN
4.2V, ±0.6% Float Voltage, Up to 750mA Charge Current, 2mm
2mm DFN,
“A” Version has ACPR Function.
LTC4411/LTC4412
Low Loss PowerPath Controller in
ThinSOT
Automatic Switching Between DC Sources, Load Sharing, Replaces ORing Diode
LTC4412HV
High Voltage Power Path Controllers in
ThinSOT
VIN = 3V to 36V, More Efficient than Diode ORing, Automatic Switching Between DC
Sources, Simplified Load Sharing, ThinSOT Package.
Power Management
LTC3405/LTC3405A 300mA (IOUT), 1.5MHz, Synchronous
Step-Down DC/DC Converter
95% Efficiency, VIN = 2.7V to 6V, VOUT = 0.8V, IQ = 20µA, ISD < 1µA, ThinSOT Package
LTC3406/LTC3406A 600mA (IOUT), 1.5MHz, Synchronous
Step-Down DC/DC Converter
95% Efficiency, VIN = 2.5V to 5.5V, VOUT = 0.6V, IQ = 20µA, ISD < 1µA, ThinSOT Package
LTC3411
1.25A (IOUT), 4MHz, Synchronous
Step-Down DC/DC Converter
95% Efficiency, VIN = 2.5V to 5.5V, VOUT = 0.8V, IQ = 60µA, ISD < 1µA, MS10 Package
LTC3440
600mA (IOUT), 2MHz, Synchronous
Buck-Boost DC/DC Converter
95% Efficiency, VIN = 2.5V to 5.5V, VOUT = 2.5V, IQ = 25µA, ISD < 1µA, MS Package
LTC3455
Dual DC/DC Converter with USB Power
Manager and Li-Ion Battery Charger
Seamless Transition Between Power Sources: USB, Wall Adapter and Battery; 95%
Efficient DC/DC Conversion
LT3493
1.2A, 750kHz Step-Down Switching
Regulator
88% Efficiency, VIN = 3.6V to 36V (40V Maximum), VOUT = 0.8V, ISD < 2µA, 2mm 3mm
DFN Package
LTC4055
USB Power Controller and Battery
Charger
Charges Single Cell Li-Ion Batteries Directly from a USB Port, Thermal Regulation,
200m
Ideal Diode, 4mm
4mm QFN16 Package
LTC4066
USB Power Controller and Li-Ion Battery
Charger with Low-Loss Ideal Diode
Charges Single Cell Li-Ion Batteries Directly from a USB Port, Thermal Regulation, 50m
Ideal Diode, 4mm
4mm QFN24 Package
LTC4085
USB Power Manager with Ideal Diode
Controller and Li-Ion Charger
Charges Single Cell Li-Ion Batteries Directly from a USB Port, Thermal Regulation,
200m
Ideal Diode with <50m
Option, 4mm
3mm DFN14 Package
ThinSOT is a trademark of Linear Technology Corporation.
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com