Electronic Components Datasheet Search
  English  ▼

X  

LTC4089 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4089
Description  USB Power Manager with High Voltage Switching Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4089 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4089 Datasheet HTML 13Page - Linear Technology LTC4089 Datasheet HTML 14Page - Linear Technology LTC4089 Datasheet HTML 15Page - Linear Technology LTC4089 Datasheet HTML 16Page - Linear Technology LTC4089 Datasheet HTML 17Page - Linear Technology LTC4089 Datasheet HTML 18Page - Linear Technology LTC4089 Datasheet HTML 19Page - Linear Technology LTC4089 Datasheet HTML 20Page - Linear Technology LTC4089 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTC4089/LTC4089-5
17
40895fb
USB and 5V Wall Adapter Power
Although the LTC4089/LTC4089-5 is designed to draw
power from a USB port, a higher power 5V wall adapter
can also be used to power the application and charge the
battery (higher voltage wall adapters can be connected
directly to HVIN). Figure 5 shows an example of combining
a 5V wall adapter and a USB power input. With its gate
grounded by 1k, P-channel MOSFET MP1 provides USB
power to the LTC4089/LTC4089-5 when 5V wall power is
not available. When 5V wall power is available, D1 both
supplies power to the LTC4089, pulls the gate of MN1 high
to increase the charge current (by increasing the input
current limit), and pulls the gate of MP1 high to disable it
and prevent conduction back to the USB port.
2k
1k
MN1
2.87k
59k
IN
PROG
CLPROG
LTC4089
BAT
+
MP1
D1
ICHG
Li-Ion
BATTERY
5V WALL
ADAPTER
850mA ICHG
USB POWER
500mA ICHG
4089 F05
Inductor Selection and Maximum Output Current
A good choice for the inductor value is L = 10µH. With this
value the maximum load current will be 1A. The RMS current
rating of the inductor must be greater than the maximum
load current and its saturation current should be about
30% higher. Note that the maximum load current
will be the programmed charge current plus the largest
expected application load current. For robust operation in
fault conditions, the saturation current should be ~2.3A. To
keep efficiency high, the series resistance (DCR) should
be less than 0.1 . Table 1 lists several vendors and types
that are suitable.
Table 1: Inductor Vendors
VENDOR
URL
PART
SERIES
INDUCTANCE
(µH)
SIZE
(mm)
Sumida
www.sumida.com CDRH5D28
8.2, 10
6
6
3
CDRH6D38
10
7
7
4
TDK
www.tdk.com
SLF6028T
10
6
6
2.8
Toko
www.toko.com
D63LCB
10
6.3
6.3
3
Catch Diode
Depending on load current, a 1A to 2A Schottky diode is
recommended for the D1 catch diode. The diode must
have a reverse voltage rating equal to, or greater than,
the maximum input voltage. The ON Semiconductor
MBRM140 and the Diodes Inc. DFLS140/160/240 are
good choices.
High Voltage Regulator Capacitor Selection
Bypass the HVIN pin of the LTC4089/LTC4089-5 circuit
with a 1µF, or higher value ceramic capacitor of X7R or
X5R type. Y5V types have poor performance over tempera-
ture and applied voltage and should not be used. A 1µF
ceramic is adequate to bypass the high voltage input and
will easily handle the ripple current. However, if the input
power source has high impedance, or there is significant
inductance due to long wires or cables, additional bulk
capacitance may be necessary. This can be provided with
a low performance electrolytic capacitor.
APPLICATIO S I FOR ATIO
Figure 5. USB or 5V Wall Adapter Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com