Electronic Components Datasheet Search
  English  ▼

X  

LTC4089 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC4089
Description  USB Power Manager with High Voltage Switching Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4089 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC4089 Datasheet HTML 15Page - Linear Technology LTC4089 Datasheet HTML 16Page - Linear Technology LTC4089 Datasheet HTML 17Page - Linear Technology LTC4089 Datasheet HTML 18Page - Linear Technology LTC4089 Datasheet HTML 19Page - Linear Technology LTC4089 Datasheet HTML 20Page - Linear Technology LTC4089 Datasheet HTML 21Page - Linear Technology LTC4089 Datasheet HTML 22Page - Linear Technology LTC4089 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC4089/LTC4089-5
19
40895fb
Increasing RNOM will move both trip points to lower
temperatures. Likewise, a decrease in RNOM with respect
to RNTC will move the trip points to higher temperatures.
To calculate RNOM for a shift to lower temperature, for
example, use the following equation:
R
R
Rat
C
NOM
COLD
NTC
=°
2 815
25
.
•
where RCOLD is the resistance ratio of RNTC at the desired
cold temperature trip point. To shift the trip points to higher
temperatures use the following equation:
R
R
Rat
C
NOM
HOT
NTC
=°
0 4086
25
.
•
where RHOT is the resistance ratio of RNTC at the desired
hot temperature trip point.
The following example uses a 100K R-T Curve 1 Thermistor
from Vishay Dale. The difference between the trip points is
44°C, from before—and the desired cold trip point of 0°C,
would put the hot trip point at 44°C. The RNOM needed is
calculated as follows:
R
R
Rat
C
NOM
COLD
NTC
=° =
2 815
25
3 266
2 815
100
.
•
.
.
•kkk
ΩΩ
= 116
The nearest 1% value for RNOM is 115k. This is the value
used to bias the NTC thermistor to get cold and hot trip
points of approximately 0°C and 44°C, respectively. To
extend the delta between the cold and hot trip points, a
resistor (R1) can be added in series with RNTC (see Figure
7). The values of the resistors are calculated as follows:
R
RR
R
NOM
COLD
HOT
=
−
−
=
−
2 815 0 4086
1
0 4086
2 815 0
..
.
.
..
•
4086
⎡
⎣⎢
⎤
⎦⎥
−
[]−
RR
R
COLD
HOT
HOT
where RNOM is the value of the bias resistor, RHOT and
RCOLD are the values of RNTC at the desired temperature
trip points. Continuing the forementioned example with
a desired hot trip point of 50°C:
R
RR
k
NOM
COLD
HOT
=
−
−
=
−
2 815 0 4086
100
3 266 0 3
..
•( .
. 6
602
2 815 0 4086
120 8 121
1
110
)
..
.,
%
−
=
=
k
k nearest
R
0
0
0 4086
2 815 0 4086
3 266 0 3602
k•
.
..
•
..
−
⎛
⎝⎜
⎞
⎠⎟
−
()−−
⎡
⎣
⎢
⎢
⎢
⎤
⎦
⎥
⎥
⎥
=
0 3602
13 3 13 3
1
.
.,
.
%
k
k is nearest
The final solution is shown in Figure 7, where
RNOM = 121k, R1 = 13.3k and RNTC = 100k at 25°C
–
+
–
+
RNOM
121k
RNTC
100k
R1
13.3k
NTC
VNTC
15
0.1V
NTC_ENABLE
4089 F07
TOO_COLD
TOO_HOT
0.74 • VNTC
0.29 • VNTC
–
+
14
LTC4089
APPLICATIO S I FOR ATIO
Figure 7. Modified NTC Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com