Electronic Components Datasheet Search
  English  ▼

X  

LTC4089 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4089
Description  USB Power Manager with High Voltage Switching Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4089 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4089 Datasheet HTML 12Page - Linear Technology LTC4089 Datasheet HTML 13Page - Linear Technology LTC4089 Datasheet HTML 14Page - Linear Technology LTC4089 Datasheet HTML 15Page - Linear Technology LTC4089 Datasheet HTML 16Page - Linear Technology LTC4089 Datasheet HTML 17Page - Linear Technology LTC4089 Datasheet HTML 18Page - Linear Technology LTC4089 Datasheet HTML 19Page - Linear Technology LTC4089 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC4089/LTC4089-5
16
40895fb
If, for some reason the charge current rises back above
the threshold, the CHRG pin will not resume the strong
pull-down state. The EOC latch can be reset by a recharge
cycle (i.e., VBAT drops below the recharge threshold) or
toggling the input power to the part.
NTC Thermistor—Battery Temperature Charge
Qualification
The battery temperature is measured by placing a nega-
tive temperature coefficient (NTC) thermistor close to the
battery pack. The NTC circuitry is shown in Figure 4.
To use this feature, connect the NTC thermistor (RNTC)
between the NTC pin and ground and a resistor (RNOM)from
the NTC pin to VNTC. RNOM should be a 1% resistor with
a value equal to the value of the chosen NTC thermistor at
25°C (this value is 10k for a Vishay NTHS0603N02N1002J
thermistor). The LTC4089/LTC4089-5 goes into hold mode
when the resistance (RHOT) of the NTC thermistor drops
to 0.41 times the value of RNOM, or approximately 4.1k,
which should be at 50°C. The hold mode freezes the timer
and stops the charge cycle until the thermistor indicates a
return to a valid temperature. As the temperature drops,
the resistance of the NTC thermistor rises. The LTC4089/
LTC4089-5 is designed to go into hold mode when the
value of the NTC thermistor increases to 2.82 times the
value of RNOM. This resistance is RCOLD. For a Vishay
NTHS0603N02N1002J thermistor, this value is 28.2k
which corresponds to approximately 0°C. The hot and cold
comparators each have approximately 3°C of hysteresis
to prevent oscillation about the trip point. Grounding the
NTC pin will disable the NTC function.
Current Limit Undervoltage Lockout
An internal undervoltage lockout circuit monitors the
input voltage and disables the input current limit circuits
until VIN rises above the undervoltage lockout threshold.
The current limit UVLO circuit has a built-in hysteresis of
125mV. Furthermore, to protect against reverse current in
the power MOSFET, the current limit UVLO circuit disables
the current limit (i.e., forces the input power path to a high
impedance state) if VOUT exceeds VIN. If the current limit
UVLO comparator is tripped, the current limit circuits will
not come out of shutdown until VOUT falls 50mV below
the VIN voltage.
Charger Undervoltage Lockout
An internal undervoltage lockout circuit monitors the VOUT
voltage and disables the battery charger circuits until
VOUT rises above the undervoltage lockout threshold. The
battery charger UVLO circuit has a built-in hysteresis of
125mV. Furthermore, to protect against reverse current
in the power MOSFET, the charger UVLO circuit keeps the
charger shut down if VBAT exceeds VOUT. If the charger
UVLO comparator is tripped, the charger circuits will
not come out of shutdown until VOUT exceeds VBAT
by 50mV.
Suspend
The LTC4089/LTC4089-5 can be put in suspend mode by
forcing the SUSP pin greater than 2.3V. In suspend mode,
the ideal diode function from BAT to OUT is kept alive. If
power is applied to the HVIN pin, then charging will be
unaffected. Current drawn from the IN pin is reduced to
50µA. Suspend mode is intended to comply with the USB
power specification mode of the same name.
OPERATIO
Figure 4. NTC Circuit
–
+
–
+
RNOM
10k
RNTC
10k
NTC
VNTC
6
0.1V
NTC_ENABLE
4089 F04
LTC4089
TOO_COLD
TOO_HOT
0.74 • VNTC
0.29 • VNTC
–
+
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com