Electronic Components Datasheet Search
  English  ▼

X  

LTC4101 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4101
Description  Smart Battery Charger Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4101 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4101 Datasheet HTML 3Page - Linear Technology LTC4101 Datasheet HTML 4Page - Linear Technology LTC4101 Datasheet HTML 5Page - Linear Technology LTC4101 Datasheet HTML 6Page - Linear Technology LTC4101 Datasheet HTML 7Page - Linear Technology LTC4101 Datasheet HTML 8Page - Linear Technology LTC4101 Datasheet HTML 9Page - Linear Technology LTC4101 Datasheet HTML 10Page - Linear Technology LTC4101 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC4101
7
4101f
TYPICAL PERFOR A CE CHARACTERISTICS
Transfer Function of Charger
CHARGING VOLTAGE (V)
0
0
50
–50
–100
–150
4101 G12
45
3
12
6
VDD = 5V
IBAT = 0.120A
VDCIN = 9V
VDCIN = 20V
VDCIN = 28V
Charging Current Error
CHARGING CURRENT (A)
0
200
100
0
–100
–200
1
4101 G11
2
4
3
VDCIN = 20V
VDD = 5V
VDCIN = 9V
TA = 25°C unless otherwise noted.
PI FU CTIO S
any action on its part is required. This signal can be
connected to the optional SMBALERT line of the SMBus.
Open drain with weak current source pull-up to VDD (with
Schottky to allow it to be pulled to 5V externally).
SDA (Pin 8): SMBus Data Signal from Main (host-con-
trolled) SMBus. External pull-up resistor is required.
SCL (Pin 9): SMBus Clock Signal from Main (host-con-
trolled) SMBus. External pull-up resistor is required.
ACP (Pin 10): This Output Indicates the Value of the DCDIV
Comparator. It can be used to indicate whether AC is
present or not.
DCDIV (Pin 11): Supply Divider Input. This is a high
impedance comparator input with a 1.2V threshold (rising
edge) and hysteresis.
GND (Pin 12): Ground for Digital and Analog Circuitry.
ILIM (Pin 13): An external resistor is connected between
this pin and GND. The value of the external resistor
programs the range and resolution of the programmed
charger current.
VLIM (Pin 14): An external resistor is connected between
this pin and GND. The value of the external resistor
programs the range and resolution of the charging
voltage.
TGATE (Pin 1): Drives the Top External P-MOSFET of the
Battery Charger Buck Converter.
PGND (Pin 2): High Current Ground Return for BGATE
Driver.
BGATE (Pin 3): Drives the Bottom External N-MOSFET of
the Battery Charger Buck Converter.
INFET (Pin 4): Drives the Gate of the External Input
P-MOSFET.
DCIN (Pin 5): External DC Power Source Input. Bypass to
ground with a 0.1
µF capacitor.
CHGEN (Pin 6): Digital Bidirectional Pin to Enable Charger
Function. This pin is connected as a wired AND bus.
The following events will cause the POWER_FAIL bit in
the ChargerStatus register to become set:
1. An external device pulling the CHGEN signal to within
0.9V to GND;
2. The AC adapter voltage is not above the battery
voltage.
SMBALERT (Pin 7): Active Low Interrupt Output to Host
(referred to as the SMBALERT signal in the SMBus Revi-
sion 1.1 specification). Signals host that there has been a
change of status in the charger registers and that the host
should read the LTC4101 status registers to determine if



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com